Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFE252012PD-2R2M Datasheet(PDF) 39 Page - Texas Instruments

Part # DFE252012PD-2R2M
Description  TPS629211-Q1 1-A, 3-V to 10-V Automotive Low IQ Buck Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-2R2M Datasheet(HTML) 39 Page - Texas Instruments

Back Button DFE252012PD-2R2M Datasheet HTML 35Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 36Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 37Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 38Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 39Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 40Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 41Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 42Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
When implementing an IBB design, it is important to understand that the IC ground is tied to the negative voltage
rail, and in turn, the electrical characteristics of the TPS629211-Q1 device are referenced to this rail. During
power up, as there is no charge in the output capacitor, the IC GND pin (and VOUT) are effectively 0 V, thus
parameters such as the VIN UVLO and EN thresholds are the same as in a typical buck configuration. However,
after the output voltage is in regulation, due to the negative voltage on the IC GND pin, the device traditionally
continues to operate below what can appear to be the normal UVLO/EN falling thresholds relative to the system
ground. Thus, special care must be taken if the user is using the dynamic mode change feature on the MODE
pin of the TPS629211-Q1 or driving the EN pin from an upstream microcontroller as the high and low thresholds
are relative to the negative rail and not the system ground.
More information on using a DCS regulator in an IBB configuration can be found in the Description
Compensating the Current Mode Boost Control Loop Application Note and Using the TPS6215x in an Inverting
Buck-Boost Topology Application Note.
VIN
EN
VIN
MODE/
S-CONF
SW
PG
VOS
FB/
VSET
10 F
22 F
2.2 µH
VOUT
-0.6 V to -5.5 V
GND
TPS6292xx
Figure 9-77. IBB Example with Adjustable Feedback
VIN
EN
VIN
MODE/
S-CONF
SW
PG
VOS
FB/
VSET
10 F
22 F
2.2 µH
VOUT
-0.4 V to -5.5 V
GND
TPS6292xx
Figure 9-78. IBB Example with Internal Feedback
9.4 Power Supply Recommendations
The power supply to the TPS629211-Q1 must have a current rating according to the supply voltage, output
voltage, and output current of the TPS629211-Q1.
9.5 Layout
9.5.1 Layout Guidelines
A proper layout is critical for the operation of a switched mode power supply, even more so at high switching
frequencies. Therefore, the PCB layout of the TPS629211-Q1 demands careful attention to make sure proper
operation and to get the performance specified. A poor layout can lead to issues like the following:
• Poor regulation (both line and load)
• Stability and accuracy weaknesses
www.ti.com
TPS629211-Q1
SLVSGD0A – MARCH 2022 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TPS629211-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com