Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFE252012PD-2R2M Datasheet(PDF) 21 Page - Texas Instruments

Part # DFE252012PD-2R2M
Description  TPS629211-Q1 1-A, 3-V to 10-V Automotive Low IQ Buck Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-2R2M Datasheet(HTML) 21 Page - Texas Instruments

Back Button DFE252012PD-2R2M Datasheet HTML 17Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 18Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 19Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 20Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 21Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 22Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 23Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 24Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
9.2.1 Design Requirements
The design guidelines provide a component selection to operate the device within the recommended operating
conditions.
9.2.2 Detailed Design Procedure
9.2.2.1 Custom Design With WEBENCH® Tools
Click here to create a custom design using the TPS629211-Q1 device with the WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time
pricing and component availability.
In most cases, these actions are available:
• Run electrical simulations to see important waveforms and circuit performance
• Run thermal simulations to understand board thermal performance
• Export customized schematic and layout into popular CAD formats
• Print PDF reports for the design, and share the design with colleagues
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
9.2.2.2 Programming the Output Voltage
The output voltage of the TPS629211-Q1 is adjustable and can be programmed for output voltages from 0.6 V to
5.5 V, using a resistor divider from VOUT to GND. The voltage at the FB pin is regulated to 600 mV. The value
of the output voltage is set by the selection of the resistor divider from Table 9-2. TI recommends to size R2 to
be less than 300 kΩ to allow for a feedback current of at least 2 μA. Lower resistor values are recommended for
highest accuracy and most robust design.
R1=R2× VOUTVFB−1
(12)
where
• VFB is 0.6 V.
Table 9-2. Setting the Output Voltage
Nominal Output Voltage
R1
R2
Exact Output Voltage
0.8 V
51 kΩ
150 kΩ
0.804 V
1.2 V
130 kΩ
130 kΩ
1.200 V
1.5 V
150 kΩ
100 kΩ
1.500 V
1.8 V
475 kΩ
237 kΩ
1.803 V
2.5 V
523 kΩ
165 kΩ
2.502 V
3.3 V
619 kΩ
137 kΩ
3.311 V
5 V
619 kΩ
84.5 kΩ
4.995 V
9.2.2.3 External Component Selection
The external components have to fulfill the needs of the application, but also the stability criteria of the control
loop of the device. The TPS629211-Q1 is optimized to work within a range of external components.
9.2.2.3.1 Output Filter and Loop Stability
The TPS629211-Q1 is internally compensated to be stable with a range of LC filter combinations. The LC output
filters inductance and capacitance have to be considered together, creating a double pole, responsible for the
corner frequency of the converter using Equation 13.
www.ti.com
TPS629211-Q1
SLVSGD0A – MARCH 2022 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS629211-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com