Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFE252012PD-2R2M Datasheet(PDF) 13 Page - Texas Instruments

Part # DFE252012PD-2R2M
Description  TPS629211-Q1 1-A, 3-V to 10-V Automotive Low IQ Buck Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-2R2M Datasheet(HTML) 13 Page - Texas Instruments

Back Button DFE252012PD-2R2M Datasheet HTML 9Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 10Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 11Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 12Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 13Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 14Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 15Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 16Page - Texas Instruments DFE252012PD-2R2M Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
8.3.2 Adjustable VO Operation (External Voltage Divider)
If the device is configured to operate in classical adjustable VO operation, the FB/VSET pin is used as the
feedback pin and must sense VO through an external divider network. Figure 8-2 shows the typical schematic for
this configuration.
VIN
3 V to 10 V
EN
VIN
MODE/
S-CONF
SW
PG
VOS
FB/
VSET
4.7 F
22 F
2.2 µH
VOUT
0.6 V to 5.5 V
GND
Figure 8-2. Adjustable VO Operation Schematic
8.3.3 Selectable VO Operation (VSET and Internal Voltage Divider)
If the device is configured to VSET operation, the device interprets the VSET pin value following the MODE/
S-CONF readout (see Figure 8-3). There is no further interpretation of the VSET pin during operation and the
output voltage cannot be changed afterward without toggling the EN pin.
Figure 8-3 shows the typical schematic for this configuration, where VO is directly sensed at the VOS pin of the
device. VO is sensed only through the VOS pin by an internal resistor divider. The target VO is programmed by
an external resistor connected between VSET and GND (see Table 8-2).
VIN
3 V to 10 V
EN
VIN
MODE/
S-CONF
SW
PG
VOS
FB/
VSET
4.7 F
22 F
2.2 µH
VOUT
0.4 V to 5.5 V
GND
Figure 8-3. Selectable VO Operation Schematic
www.ti.com
TPS629211-Q1
SLVSGD0A – MARCH 2022 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS629211-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com