Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P12C3DYYR Datasheet(PDF) 10 Page - Texas Instruments

Part # P12C3DYYR
Description  TPSF12C3 Standalone Active EMI Filter for Common-mode Noise Mitigation in Three- Phase AC Power Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P12C3DYYR Datasheet(HTML) 10 Page - Texas Instruments

Back Button P12C3DYYR Datasheet HTML 6Page - Texas Instruments P12C3DYYR Datasheet HTML 7Page - Texas Instruments P12C3DYYR Datasheet HTML 8Page - Texas Instruments P12C3DYYR Datasheet HTML 9Page - Texas Instruments P12C3DYYR Datasheet HTML 10Page - Texas Instruments P12C3DYYR Datasheet HTML 11Page - Texas Instruments P12C3DYYR Datasheet HTML 12Page - Texas Instruments P12C3DYYR Datasheet HTML 13Page - Texas Instruments P12C3DYYR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
This application example replaces the four Y-capacitors, designated as CY5, CY6, CY7 and CY8 in Figure 9-1, with
a three-phase AEF circuit using the TPSF12C3. See Figure 9-2. The AEF circuit provides effective capacitive
multiplication of the inject capacitor, which reduces the inductance values to maintain the required LC corner
frequencies and thus the size, weight, and cost of the CM chokes, now designated as LCM1-AEF and LCM2-AEF.
The total capacitance of the sense and inject capacitors is kept less than or equal to that of the replaced
Y-capacitors, which results in the the total line-frequency leakage curernt remaining effectively unchanged or
reduced.
AC mains
Chassis (PE)
CX7
LCM2-AEF
RG
CG1
IGND
VDD
INJ
EN
COMP1
SENSE1
SENSE3
COMP2
REFGND
CINJ
CSEN1
CSEN3
3-phase
AC/DC
regulator
Chassis
CG2
CD1
RD2
CD2
RD3
CD3
CVDD
Chassis-referred
power supply
RD1
RD1A
SENSE2
SENSE4
TPSF12C3
= 3-phase AC/DC
= Three-phase AEF IC
DINJ
U1
From MCU
= Sense, inject capacitors
CSEN2
CSEN4
LCM1-AEF
CX8
CX9
CX4
CX5
CX6
CX1
CX2
CX3
CY1–CY4
= 3-phase source
3-phase AC
supply
Figure 9-2. Circuit Schematic of a Three-phase OBC With AEF Circuit Connected
9.2.1.1 Design Requirements
Table 9-1 shows the intended operating parameters for this application example.
Table 9-1. Design Parameters
DESIGN PARAMETER
VALUE
AC input voltage
230 V L-N or 400 V L-L (RMS)
AC input line frequency
47 Hz to 63 Hz
DC output voltage range
600 V to 1 kV
DC output current (max)
18 A
Rated output power
10 kW
AC/DC stage switching frequency
100 kHz
TPSF12C3
SNVSCB8 – MARCH 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPSF12C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com