Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P12C3DYYR Datasheet(PDF) 11 Page - Texas Instruments

Part # P12C3DYYR
Description  TPSF12C3 Standalone Active EMI Filter for Common-mode Noise Mitigation in Three- Phase AC Power Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P12C3DYYR Datasheet(HTML) 11 Page - Texas Instruments

Back Button P12C3DYYR Datasheet HTML 7Page - Texas Instruments P12C3DYYR Datasheet HTML 8Page - Texas Instruments P12C3DYYR Datasheet HTML 9Page - Texas Instruments P12C3DYYR Datasheet HTML 10Page - Texas Instruments P12C3DYYR Datasheet HTML 11Page - Texas Instruments P12C3DYYR Datasheet HTML 12Page - Texas Instruments P12C3DYYR Datasheet HTML 13Page - Texas Instruments P12C3DYYR Datasheet HTML 14Page - Texas Instruments P12C3DYYR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
9.2.1.2 Detailed Design Procedure
Table 9-2 gives the selected component values, which are the same as those used in the TPSF12C3 EVM. This
design uses a TVS diode placed at the low-voltage side of the inject capacitor for clamping during input surge
conditions.
Table 9-2. AEF Circuit Components for Application Circuit 1
REFERENCE
DESIGNATOR
QTY
SPECIFICATION
MANUFACTURER(1)
PART NUMBER
CSEN1, CSEN2,
CSEN3, CSEN4
4
Capacitor, ceramic, 680 pF, 300 VAC, Y2
MuRata
DE2B3SA681KN3AX02F
CINJ
1
Capacitor, ceramic, 4.7 nF, 300 VAC, Y2
MuRata
DE2E3SA472MA3BX02F
CD1
1
Capacitor, ceramic, 4.7 nF, 50 V, 0603
Various
–
CD2
1
Capacitor, ceramic, 22 nF, 50 V, 0603
Various
–
CD3
1
Capacitor, ceramic, 4.7 nF, 50 V, 0603
Various
–
CG1
1
Capacitor, ceramic, 10 nF, 50 V, 0603
Various
–
CG2
1
Capacitor, ceramic, 10 pF, 50 V, 0603
Various
–
CVDD
1
Capacitor, ceramic, 1 µF, 25 V, X7R, 0603
Various
–
DINJ
1
TVS diode, bidirectional, 24 V, SOD-323
Eaton
STS321240B301
RD1
1
Resistor, 1 kΩ, 0.1 W, 0603
Various
–
RD1A
1
Resistor, 50 Ω, 0.1 W, 0603
Various
–
RD2
1
Resistor, 200 Ω, 0.1 W, 0603
Various
–
RD3
1
Resistor, 698 Ω, 0.1 W, 0603
Various
–
RG
1
Resistor, 1.5 kΩ, 0.1 W, 0603
Various
–
U1
1
TPSF12C3 common-mode AEF IC for three-phase AC
power systems
Texas Instruments
TPSF12C3DYYR
(1)
See the Third-Party Products Disclaimer.
More generally, the TPSF12C3 AEF IC is designed to operate with a wide range of passive filter components
and system parameters.
9.2.1.2.1 Sense Capacitors
The sense pins of the TPSF12C3 feed into a second-order high-pass filter and signal combiner within the IC,
which rejects the line-frequency and DM components of the power line voltages, extracting the high-frequency
CM component.
The sense pins externally interface to the power lines using Y-rated capacitors, designated as CSEN1, CSEN2,
CSEN3 and CSEN4 in Figure 9-2. Choose Y2-rated sense capacitors of 680 pF, 300 VAC in this application to
establish voltages at the SENSE pins of 3-V peak-to-peak when operating at maximum line voltage.
9.2.1.2.2 Inject Capacitor
The INJ node interfaces to a power line using a Y-rated capacitor, designated as CINJ in Figure 9-2. Choose a
Y2-rated inject capacitor of 4.7 nF, 300 VAC in this design to accommodate an AC swing at INJ with at least a
2-V margin of headroom from the positive and negative supply rails.
The INJ pin biases at half the VDD supply voltage. Assuming a 12-V supply rail and allowing 2 V of upper and
lower headroom, this implies that a swing of ±4 V is available around the DC operating point.
9.2.1.2.3 Compensation Network
The CM noise signal derived from the internal sensing filter and summation network of the TPSF12C3 is
internally inverted and amplified by a gain stage. The components between the COMP1 and COMP2 pins of the
IC, designated as as RG, CG1 and CG2 in Figure 9-2, set the gain characteristic.
More specifically, resistor RG establishes a high midband AEF gain at frequencies where EMI filtering is required.
Capacitor CG1 increases the impedance of that branch at low frequencies, which sets a lower AEF amplifer gain
www.ti.com
TPSF12C3
SNVSCB8 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPSF12C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com