Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P12C3DYYR Datasheet(PDF) 14 Page - Texas Instruments

Part # P12C3DYYR
Description  TPSF12C3 Standalone Active EMI Filter for Common-mode Noise Mitigation in Three- Phase AC Power Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P12C3DYYR Datasheet(HTML) 14 Page - Texas Instruments

Back Button P12C3DYYR Datasheet HTML 10Page - Texas Instruments P12C3DYYR Datasheet HTML 11Page - Texas Instruments P12C3DYYR Datasheet HTML 12Page - Texas Instruments P12C3DYYR Datasheet HTML 13Page - Texas Instruments P12C3DYYR Datasheet HTML 14Page - Texas Instruments P12C3DYYR Datasheet HTML 15Page - Texas Instruments P12C3DYYR Datasheet HTML 16Page - Texas Instruments P12C3DYYR Datasheet HTML 17Page - Texas Instruments P12C3DYYR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Below are basic guidelines to select the component values for the injection network:
1. The undamped loop gain characteristic is likely to be unstable within the range of 5 kHz to 50 kHz, which,
as mentioned previously, relates to an LC resonance between CM choke inductance and inject capacitance.
Observe from circuit simulation – or by using the TPSF12C3 quickstart calculator – the frequency, fLFstability,
at which the phase crosses –180° with positive gain, indicating negative gain margin.
2. Choose a corner frequency with RD1 and CD2 equal to one fifth of the instability frequency:
(2)
Assigning RD1 = 1 kΩ and assuming instablity at 35 kHz, use Equation 3 to find a value for the capacitance
of CD2:
(3)
3. Select CD1 < CD2, where a typical choice is CD1 = CD2/5 = 4.7 nF.
4. Choose the resistance of RD2 such that the RD2, CD2 corner frequency is equal to that of RD1, CD1:
(4)
5. Select the resistance of RD3 to damp the resonance around the instability frequency, fLFstability.
• A typical choice for RD3 is 500 Ω to 1 kΩ.
• Assign CD3 equal to CINJ or a suitable value such that the RD3, CD3 corner frequency is less than
switching frequency.
• A lower resistance for RD3 results in more damping but at the penalty of reduced high-frequency
attenuation (or forces a higher value for CD3 to maintain the applicable corner frequency below the
switching frequency).
6. Select a resistance for RD1A of 50 Ω to improve the phase margin of the AEF loop (if needed).
9.2.1.2.5 Surge Protection
While the sense pins have internal clamp protection, the higher value of inject capacitance produces larger
currents during surge events and thus requires external protection. Place a bidirectional TVS diode on the
low-voltage side of the inject capacitor with standoff voltage of 24 V. Using the SOD-323 packaged device given
in Table 9-2, clamping occurs at 40 V and 50 V with surge currents of 1 A and 8 A, respectively.
TPSF12C3
SNVSCB8 – MARCH 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPSF12C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com