Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5744CSU Datasheet(PDF) 12 Page - Analog Devices

Part # AD5744CSU
Description  Complete, Quad, 14/16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5744CSU Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5744CSU Datasheet HTML 8Page - Analog Devices AD5744CSU Datasheet HTML 9Page - Analog Devices AD5744CSU Datasheet HTML 10Page - Analog Devices AD5744CSU Datasheet HTML 11Page - Analog Devices AD5744CSU Datasheet HTML 12Page - Analog Devices AD5744CSU Datasheet HTML 13Page - Analog Devices AD5744CSU Datasheet HTML 14Page - Analog Devices AD5744CSU Datasheet HTML 15Page - Analog Devices AD5744CSU Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Preliminary Technical Data
Rev. PrA 15-Nov-04| Page 12 of 27
Pin No.
Mnemonic
Function
16
ISCC
This pin us used in association with an external resistor to AGND to program the
short-circuit current of the output amplifiers.
17
AGNDD
Ground Reference Pin for DAC D Output amplifier.
18
VOUTD
Analog Output Voltage of DAC D. Buffered output with a nominal full-scale output
range of ±10 V. The output amplifier is capable of directly driving a 10 kΩ, 200 pF
load.
19
VOUTC
Analog Output Voltage of DAC C. Buffered output with a nominal full-scale output
range of ±10 V. The output amplifier is capable of directly driving a 10 kΩ, 200 pF
load.
20
AGNDC
Ground Reference Pin for DAC C Output Amplifier.
21
AGNDB
Ground Reference pin for DAC B Output Amplifier.
22
VOUTB
Analog Output Voltage of DAC B. Buffered output with a nominal full-scale output
range of ±10 V. The output amplifier is capable of directly driving a 10 kΩ, 200 pF
load.
23
VOUTA
Analog Output Voltage of DAC A. Buffered output with a nominal full-scale output
range of ±10 V. The output amplifier is capable of directly driving a 10 kΩ, 200 pF
load.
24
AGNDA
Ground Reference Pin for DAC A Output Amplifier.
25
REFAB
External Reference Voltage Input for Channels A and B. Reference input range is 1 V
to 5 V; programs the full-scale output voltage. REFIN = 5 V for specified performance.
26
REFCD
External Reference Voltage Input for Channels C and D. Reference input range is 1 V
to 5 V; programs the full-scale output voltage. REFIN = 5 V for specified performance.
27
REFOUT
Reference Output. This is the buffered reference output from the internal voltage
reference. The internal reference is 5 V ± 1 mV, with a reference tempco of 10
ppm/°C.
28
REFGND
Reference Ground Return for the Reference Generator and Buffers.
29
TEMP
This pin provides an output voltage proportional to temperature. The output
voltage is 1.5 V typical at 25°C; variation with temperature is 5 mV/°C.
32
BIN/2sCOMP
Determines the DAC Coding. When set to a logic high, input coding is offset binary.
When set to a logic low, input coding is twos complement. (See Table 6 and Table 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com