Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP52 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # BCP52
Description  60 V, 1 A PNP medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCP52 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button BCP52 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 10Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 11Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 12Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 13Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 14Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 15Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 16Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
© Nexperia B.V. 2017. All rights reserved
BCP52_BCX52_BC52PA
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 9 — 18 October 2011
13 of 22
Nexperia
BCP52; BCX52; BC52PA
60 V, 1 A PNP medium power transistors
VCE = 2V
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 55 C
Tamb =25 C
Fig 15. DC current gain as a function of collector
current; typical values
Fig 16. Collector current as a function of
collector-emitter voltage; typical values
VCE = 2V
(1) Tamb = 55 C
(2) Tamb =25 C
(3) Tamb = 100 C
IC/IB =10
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 55 C
Fig 17. Base-emitter voltage as a function of collector
current; typical values
Fig 18. Collector-emitter saturation voltage as a
function of collector current; typical values
006aac688
100
200
300
hFE
0
IC (A)
–10–4
–10
–1
–10–3
–10–1
–10–2
(1)
(2)
(3)
VCE (V)
0
−2.0
−1.6
−0.8
−1.2
−0.4
006aaa230
−0.8
−0.4
−1.2
−1.6
IC
(A)
0
−4.5
−9
−13.5
−18
−22.5
−27
−31.5
IB (mA) = −45 −40.5 −36
006aac689
–0.4
–0.8
–1.2
VBE
(V)
0.0
IC (mA)
–10–1
–104
–103
–1
–102
–10
(1)
(2)
(3)
006aac690
–1
–10–1
–10
VCEsat
(V)
–10–2
IC (mA)
–10–1
–104
–103
–1
–102
–10
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com