Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP52 Datasheet(PDF) 14 Page - Nexperia B.V. All rights reserved

Part # BCP52
Description  60 V, 1 A PNP medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCP52 Datasheet(HTML) 14 Page - Nexperia B.V. All rights reserved

Back Button BCP52 Datasheet HTML 10Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 11Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 12Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 13Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 14Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 15Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 16Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 17Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 18Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
© Nexperia B.V. 2017. All rights reserved
BCP52_BCX52_BC52PA
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 9 — 18 October 2011
14 of 22
Nexperia
BCP52; BCX52; BC52PA
60 V, 1 A PNP medium power transistors
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
9.
Package outline
Fig 19. Package outline SOT223 (SC-73)
Fig 20. Package outline SOT89 (SC-62/TO-243)
04-11-10
Dimensions in mm
6.7
6.3
3.1
2.9
1.8
1.5
7.3
6.7
3.7
3.3
1.1
0.7
13
2
4
4.6
2.3
0.8
0.6
0.32
0.22
06-08-29
Dimensions in mm
4.6
4.4
1.8
1.4
1.6
1.4
1.2
0.8
3
1.5
0.48
0.35
0.44
0.23
0.53
0.40
2.6
2.4
4.25
3.75
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com