Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP52 Datasheet(PDF) 21 Page - Nexperia B.V. All rights reserved

Part # BCP52
Description  60 V, 1 A PNP medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCP52 Datasheet(HTML) 21 Page - Nexperia B.V. All rights reserved

Back Button BCP52 Datasheet HTML 14Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 15Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 16Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 17Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 18Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 19Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 20Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 21Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 22Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
© Nexperia B.V. 2017. All rights reserved
BCP52_BCX52_BC52PA
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 9 — 18 October 2011
21 of 22
Nexperia
BCP52; BCX52; BC52PA
60 V, 1 A PNP medium power transistors
Quick reference data — The Quick reference data is an extract of the
product data given in the Limiting values and Characteristics sections of this
document, and as such is not complete, exhaustive or legally binding.
13.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks
are the property of their respective owners.
14. Contact information
For more information, please visit: http://www.nexperia.com
For sales office addresses, please send an email to: salesaddresses@nexperia.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com