Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U5A5QJI Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM32U5A5QJI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJI Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32U5A5QJI Datasheet HTML 25Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 26Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 27Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 28Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 29Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 30Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 31Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 32Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 382 page
background image
DS13543 Rev 1
29/382
STM32U5Axxx
Functional overview
99
further access to this area until next system reset. One area per bank can be selected
at the beginning of the secure area.
•
volatile block-based secure flash memory area
Each page can be programmed on-the-fly as secure or nonsecure.
3.4.3
FLASH privilege protection
Each flash memory page can be programmed on the fly as privileged or unprivileged.
3.5
Embedded SRAMs
Six SRAMs are embedded in the STM32U5Axxx devices, each with specific features.
SRAM1, SRAM2, SRAM3 and SRAM5 are the main SRAMs. SRAM4 is in the SRAM used
for peripherals LPBAM (low-power background autonomous mode) in Stop 2 mode.
These SRAMs are made of several blocks that can be powered down in Stop mode to
reduce consumption:
•
SRAM1: 12 64-Kbyte blocks (total 768 Kbytes)
•
SRAM2: 8-Kbyte + 56-Kbyte blocks (total 64 Kbytes) with optional ECC. In addition
SRAM2 blocks can be retained in Standby mode.
•
SRAM3: 13 64-Kbyte blocks (total 832 Kbytes) with optional ECC. When ECC is
enabled, 256 Kbytes support ECC and 512 Kbytes of SRAM3 can be accessed
without ECC.
•
SRAM4: 16 Kbytes
•
SRAM5: 13 64-Kbyte blocks (total 832 Kbytes)
•
BKPSRAM (backup SRAM): 2 Kbytes with optional ECC. The BKPSRAM can be
retained in all low-power modes and when VDD is off in VBAT mode, but not in
Shutdown mode.
3.5.1
SRAMs TrustZone security
When the TrustZone security is enabled, all SRAMs are secure after reset. The SRAM1,
SRAM2, SRAM3, SRAM4 and SRAM5 can be programmed as secure or nonsecure by
blocks, using the MPCBB (block-based memory protection controller).
The granularity of SRAM secure block based is a page of 512 bytes. Backup SRAM regions
can be programmed as secure or nonsecure with watermark, using the TZSC (TrustZone
security controller) in the GTZC (global TrustZone controller).
3.5.2
SRAMs privilege protection
The SRAM1, SRAM2, SRAM3, SRAM4 and SRAM5 can be programmed as privileged or
unprivileged by blocks, using the MPCBB. The granularity of SRAM privilege block based is
a page of 512 bytes. Backup SRAM regions can be programmed as privileged or
unprivileged with watermark, using the TZSC (TrustZone security controller) in the GTZC
(global TrustZone controller).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com