Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGT65R65AL Datasheet(PDF) 3 Page - STMicroelectronics

Part # SGT65R65AL
Description  650 V, 49 mΩ typ., 25 A, e-mode PowerGaN transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SGT65R65AL Datasheet(HTML) 3 Page - STMicroelectronics

  SGT65R65AL Datasheet HTML 1Page - STMicroelectronics SGT65R65AL Datasheet HTML 2Page - STMicroelectronics SGT65R65AL Datasheet HTML 3Page - STMicroelectronics SGT65R65AL Datasheet HTML 4Page - STMicroelectronics SGT65R65AL Datasheet HTML 5Page - STMicroelectronics SGT65R65AL Datasheet HTML 6Page - STMicroelectronics SGT65R65AL Datasheet HTML 7Page - STMicroelectronics SGT65R65AL Datasheet HTML 8Page - STMicroelectronics SGT65R65AL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
2
Electrical characteristics
TC = 25 °C unless otherwise specified.
Table 3. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 25 μA
650
V
IDSS
Zero-gate voltage drain current
VGS = 0 V, VDS = 650 V
0.5
μA
VGS = 0 V, VDS = 650 V, TJ = 150 °C
50
IGSS
Gate-body leakage current
VDS = 0 V, VGS = 6 V
100
μA
VGS(th)
Gate threshold voltage
VDS = 0.01 V, ID = 2.3 mA
1.8
V
RDS(on)
Static drain-source on-resistance
VGS = 6 V, ID = 15 A
49
65
mΩ
VGS = 6 V, ID = 15 A, TJ = 150 °C
116
Table 4. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VGS = 0 V, VDS = 400 V, f = 1 MHz
-
286
-
pF
Coss
Output capacitance
-
85
-
pF
Crss
Reverse transfer capacitance
-
3
-
pF
Co(er)(1)
Equivalent output capacitance
energy related
VGS = 0 V, VDS = 0 to 400 V
-
125
-
pF
Co(tr)(2)
Equivalent output capacitance
time related
-
156
-
pF
RG
Intrinsic gate resistance
f = 5 MHz, ID = 0 A
-
1.2
-
Ω
Vplat
Gate plateau voltage
VDS = 400 V, ID = 15 A
-
2.5
-
V
Qg
Total gate charge
VGS = 0 to 6 V, VDS = 400 V, ID = 15 A
(see Figure 19. Test circuit for gate
charge behavior)
-
5.4
-
nC
Qgs
Gate-source charge
-
1.3
-
nC
Qgd
Gate-drain charge
-
1.9
-
nC
Qrr
Reverse recovery charge
VGS = 0 V, VDS = 400 V
-
0
-
nC
Qoss
Output charge
-
70
-
nC
1. Co(er) is a constant capacitance value that gives the same stored energy as Coss while VDS is rising from 0 to the stated
value.
2. Co(tr) is a constant capacitance value that gives the same charging time as Coss while VDS is rising from 0 to the stated
value.
SGT65R65AL
Electrical characteristics
DS13251 - Rev 7
page 3/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com