Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGAP2HD Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGAP2HD
Description  Galvanically isolated 4 A dual gate driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2HD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGAP2HD Datasheet HTML 3Page - STMicroelectronics STGAP2HD Datasheet HTML 4Page - STMicroelectronics STGAP2HD Datasheet HTML 5Page - STMicroelectronics STGAP2HD Datasheet HTML 6Page - STMicroelectronics STGAP2HD Datasheet HTML 7Page - STMicroelectronics STGAP2HD Datasheet HTML 8Page - STMicroelectronics STGAP2HD Datasheet HTML 9Page - STMicroelectronics STGAP2HD Datasheet HTML 10Page - STMicroelectronics STGAP2HD Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
4
Electrical characteristics
Table 5. Electrical characteristics (TJ = 25 °C, VH_x = 15 V, VDD = 5 V unless otherwise specified)
Symbol
Pin
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Dynamic characteristics
tDon
INA, INB, SD,
BRAKE
Input to output
propagation delay ON
See Figure 8
50
75
90
ns
tDoff
INA, INB, SD,
BRAKE
Input to output
propagation delay OFF
See Figure 8
50
75
90
ns
tr
Rise time
CL = 4.7 nF,
See Figure 8
30
ns
tf
Fall time
30
ns
MT
Matching time(1)
20
ns
tdeglitch
INA, INB, SD,
BRAKE
Inputs deglitch filter
20
40
ns
CMTI(2)
Common-mode transient
immunity, |dVISO/dt|
VCM = 1500 V,
see Figure 9
100
V/ns
Supply voltage
VHon
VH_x UVLO turn-on
threshold
8.6
9.1
9.6
V
VHoff
VH_x UVLO turn-off
threshold
7.9
8.4
8.9
V
VHhyst
VH_x UVLO hysteresis
600
750
950
mV
IQHU_A
IQHU_B
VH undervoltage
quiescent supply current
VH = 7 V
1.3
1.8
mA
IQH_A
IQH_B
VH_x quiescent supply
current
1.3
1.8
mA
IQHSBY_A
IQHSBY_B
Standby VH_x quiescent
supply current
400
550
µA
SafeClp
GOFF active clamp
IGOFF = 0.2 A;
VH floating
2
2.3
V
IQDD
VDD quiescent supply
current
1.8
2.4
mA
IQDDSBY
Stand-by VDD quiescent
supply current
Standby mode
40
80
µA
Logic inputs
Vil
INA, INB, SD,
BRAKE
Low-level logic threshold
voltage
0.29·VDD
0.33·VDD
0.37·VDD
V
Vih
INA, INB, SD,
BRAKE
High-level logic threshold
voltage
0.62·VDD
0.66·VDD
0.72·VDD
V
Ilogic_h
INA, INB, SD,
BRAKE
Logic inputs high-level
input bias current
Vlogic = 5 V
33
50
70
µA
Ilogic_l
INA, INB, SD,
BRAKE
Logic inputs low-level
input bias current
Vlogic = 0 V
1
µA
Rpd
INA, INB, SD,
BRAKE
Logic inputs pull-down
resistor
70
100
150
kΩ
Interlocking
iLOCKen
iLOCK
Interlockng enable
voltage
0.7·VDD
V
STGAP2HD
Electrical characteristics
DS13652 - Rev 2
page 7/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com