Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGAP2HD Datasheet(PDF) 22 Page - STMicroelectronics

Part # STGAP2HD
Description  Galvanically isolated 4 A dual gate driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2HD Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STGAP2HD Datasheet HTML 16Page - STMicroelectronics STGAP2HD Datasheet HTML 17Page - STMicroelectronics STGAP2HD Datasheet HTML 18Page - STMicroelectronics STGAP2HD Datasheet HTML 19Page - STMicroelectronics STGAP2HD Datasheet HTML 20Page - STMicroelectronics STGAP2HD Datasheet HTML 21Page - STMicroelectronics STGAP2HD Datasheet HTML 22Page - STMicroelectronics STGAP2HD Datasheet HTML 23Page - STMicroelectronics STGAP2HD Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
List of tables
Table 1.
Pin description...................................................................... 4
Table 2.
Absolute maximum ratings ............................................................. 5
Table 3.
Thermal data....................................................................... 5
Table 4.
Recommended operating conditions....................................................... 6
Table 5.
Electrical characteristics (TJ = 25 °C, VH_x = 15 V, VDD = 5 V unless otherwise specified) ................. 7
Table 6.
Isolation and safety-related specifications ................................................... 9
Table 7.
Isolation characteristics................................................................ 9
Table 8.
Isolation voltage as per UL 1577 ......................................................... 9
Table 9.
Inputs truth table (applicable when device is not in UVLO or "safe state") ............................ 11
Table 10.
SO-36W package dimensions .......................................................... 16
Table 11.
Device summary ................................................................... 19
Table 12.
Document revision history ............................................................. 20
STGAP2HD
List of tables
DS13652 - Rev 2
page 22/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com