Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGAP2HD Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGAP2HD
Description  Galvanically isolated 4 A dual gate driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2HD Datasheet(HTML) 4 Page - STMicroelectronics

  STGAP2HD Datasheet HTML 1Page - STMicroelectronics STGAP2HD Datasheet HTML 2Page - STMicroelectronics STGAP2HD Datasheet HTML 3Page - STMicroelectronics STGAP2HD Datasheet HTML 4Page - STMicroelectronics STGAP2HD Datasheet HTML 5Page - STMicroelectronics STGAP2HD Datasheet HTML 6Page - STMicroelectronics STGAP2HD Datasheet HTML 7Page - STMicroelectronics STGAP2HD Datasheet HTML 8Page - STMicroelectronics STGAP2HD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2
Pin description and connection diagram
Figure 2. Pin connection (top view)
1
3
2
36
35
33
34
5
7
6
8
32
31
30
4
9
11
13
12
14
23
25
24
10
15
16
17
18
19
20
21
22
VDD
INB
INA
iLOCK
BRAKE
SD
N.C.
N.C.
GOFF_A
VH_A
GNDISO_A
GON_A
CLAMP_A
N.C.
N.C.
GOFF_B
VH_B
GNDISO_B
GON_B
CLAMP_B
GND
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
GNDISO_A
N.C.
Table 1. Pin description
Pin number
Pin name
Type
Function
6
VDD
Power supply
Control logic supply voltage.
7
INA
Logic input
Control logic input for Channel A, active high.
8
INB
Logic input
Control logic input for Channel B, active high.
9
SD
Logic input
Shutdown input, active low.
10
BRAKE
Logic input
Control logic input, active low.
11
iLOCK
Analog input
Interlocking enable/disable.
13
GND
Power supply
Control logic ground.
20
VH_B
Power supply
Channel B gate driving positive supply.
22
GON_B
Analog output
Channel B source output.
25
CLAMP_B
Analog output
Channel B Miller Clamp.
23
GOFF_B
Analog output
Channel B sink output.
24
GNDISO_B
Power supply
Channel B gate driving isolated ground.
30
VH_A
Power supply
Channel A gate driving positive supply.
31
GON_A
Analog output
Channel A source output.
33
CLAMP_A
Analog output
Channel A Miller Clamp.
32
GOFF_A
Analog output
Channel A sink output.
34, 35
GNDISO_A (1)
Power supply
Channel A gate driving isolated ground.
1, 2, 3, 4, 5, 12, 14,
15, 16, 17, 18
N.C.
Not connected.
1. Both GNDISO_A pins must be connected and shorted together.
STGAP2HD
Pin description and connection diagram
DS13652 - Rev 2
page 4/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com