Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGAP2HDMTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STGAP2HDMTR
Description  Galvanically isolated 4 A dual gate driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2HDMTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STGAP2HDMTR Datasheet HTML 9Page - STMicroelectronics STGAP2HDMTR Datasheet HTML 10Page - STMicroelectronics STGAP2HDMTR Datasheet HTML 11Page - STMicroelectronics STGAP2HDMTR Datasheet HTML 12Page - STMicroelectronics STGAP2HDMTR Datasheet HTML 13Page - STMicroelectronics STGAP2HDMTR Datasheet HTML 14Page - STMicroelectronics STGAP2HDMTR Datasheet HTML 15Page - STMicroelectronics STGAP2HDMTR Datasheet HTML 16Page - STMicroelectronics STGAP2HDMTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
7
Typical application diagram
Figure 5. Typical application diagram – half-bridge configuration
VH_A
GNDISO_A
SD
GND
INA
INB
iLOCK
BRAKE
VH_B
GNDISO_B
BRAKE
GND_PWR
Load_ Phase
HV_BUS
VH_LS
VH_HS
HIN
LIN
SD
Cfilt
Rfilt
VDD
MCU
Cfilt
Rfilt
Cfilt
Rfilt
VDD
VDD
1uF
100nF
VDD or GND
CLAMP_B
GON_B
GOFF_B
GND_HS
1uF
100nF
GND_LS
CLAMP_A
GON_A
GOFF_A
1uF
100nF
I
S
O
L
A
T
I
O
N
Control
Logic
Floating ground B
Floating ground A
Floating
Section
Control
Logic
UVLO
VH
Level
Shifter
VCLAMPth
+
Floating
Section
Control
Logic
UVLO
VH
Level
Shifter
VCLAMPth
+
VDD
Figure 6. Typical application diagram – half-bridge configuration with negative gate driving
VH_A
GNDISO_A
SD
GND
INA
INB
iLOCK
BRAKE
VH_B
GNDISO_B
BRAKE
GND_PWR
Load_ Phase
HV_BUS
VL_HS
VL_LS
VH_LS
VH_HS
HIN
LIN
SD
Cfilt
Rfilt
VDD
MCU
Cfilt
Rfilt
Cfilt
Rfilt
VDD
VDD
1uF
100nF
VDD or GND
CLAMP_B
GON_B
GOFF_B
GND_HS
+
VL
VH
+
GND_LS
+
VL
VH
+
CLAMP_A
GON_A
GOFF_A
I
S
O
L
A
T
I
O
N
Control
Logic
Floating ground B
Floating ground A
Floating
Section
Control
Logic
UVLO
VH
Level
Shifter
VCLAMPth
+
Floating
Section
Control
Logic
UVLO
VH
Level
Shifter
VCLAMPth
+
VDD
STGAP2HD
Typical application diagram
DS13652 - Rev 2
page 13/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com