Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGAP2HDMTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # STGAP2HDMTR
Description  Galvanically isolated 4 A dual gate driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2HDMTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STGAP2HDMTR Datasheet HTML 12Page - STMicroelectronics STGAP2HDMTR Datasheet HTML 13Page - STMicroelectronics STGAP2HDMTR Datasheet HTML 14Page - STMicroelectronics STGAP2HDMTR Datasheet HTML 15Page - STMicroelectronics STGAP2HDMTR Datasheet HTML 16Page - STMicroelectronics STGAP2HDMTR Datasheet HTML 17Page - STMicroelectronics STGAP2HDMTR Datasheet HTML 18Page - STMicroelectronics STGAP2HDMTR Datasheet HTML 19Page - STMicroelectronics STGAP2HDMTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
10.1
SO-36W package information
Table 10. SO-36W package dimensions
Dimension “D” does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs shall not exceed 0.15
mm per side.
Dim.
mm
NOTES
Min.
Typ.
Max.
A
2.65
A1
0.1
0.3
b
0.25
0.35
c
0.20
0.33
D
15.20
15.60
E1
7.4
7.6
E
10.05
10.65
e
0.80
e1
4.00
L
0.61
0.91
h
0.25
0.75
θ
aaa
0.25
bbb
0.25
ccc
0.10
STGAP2HD
Package information
DS13652 - Rev 2
page 16/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com