Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGAP2HDMTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STGAP2HDMTR
Description  Galvanically isolated 4 A dual gate driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2HDMTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STGAP2HDMTR Datasheet HTML 10Page - STMicroelectronics STGAP2HDMTR Datasheet HTML 11Page - STMicroelectronics STGAP2HDMTR Datasheet HTML 12Page - STMicroelectronics STGAP2HDMTR Datasheet HTML 13Page - STMicroelectronics STGAP2HDMTR Datasheet HTML 14Page - STMicroelectronics STGAP2HDMTR Datasheet HTML 15Page - STMicroelectronics STGAP2HDMTR Datasheet HTML 16Page - STMicroelectronics STGAP2HDMTR Datasheet HTML 17Page - STMicroelectronics STGAP2HDMTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
8
Layout
8.1
Layout guidelines and considerations
In order to optimize the PCB layout, the following considerations should be taken into account:
•
SMD ceramic capacitors (or different types of low-ESR and low-ESL capacitors) must be placed close to
each supply rail pin. A 100 nF capacitor must be placed between VDD and GND and between VH_x and
GNDISO_x, as close as possible to device pins, in order to filter high-frequency noise and spikes. In order to
provide local storage for pulsed current a second capacitor with value in the range between 1 µF and 10 µF
should also be placed close to the supply pins.
–
As a good practice it is suggested to add filtering capacitors close to logic inputs of the device (INA,
INB, BRAKE, SD), in particular for fast switching or noisy applications.
•
The power transistors must be placed as close as possible to the gate driver, so to minimize the gate loop
area and inductance that might bring about noise or ringing.
•
To avoid degradation of the isolation between the primary and secondary side of the driver, there should not
be any trace or conductive area below the driver.
•
If the system has multiple layers, it is recommended to connect the VH_x and GNDISO_x pins to internal
ground or power planes through multiple vias of adequate size. These vias should be located close to the IC
pins to maximize thermal conductivity.
8.2
Layout example
An example of STGAP2HD suggested half-bridge with negative gate driving PCB layout is shown in Figure 7;
the main signals have been highlighted by different colors. It is recommended to follow this example for proper
positioning and connection of filtering capacitors.
Figure 7. Suggested PCB layout for half-bridge configuration with negative driving voltage
GHS
SHS
DLS
Roff
Roff
Ron
Ron
DHS
SLS
GLS
CVH
CVHL
RPU
RIN
RIN
RIN
RIN
CVHL
CVH
CL
CG
CVDD
CIN
CG
TOP
BOTTOM
CVDD
RPU
CIN
CIN
CIN
CL
STGAP2HD
Layout
DS13652 - Rev 2
page 14/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com