Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9FGL699 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 9FGL699
Description  6-OUTPUT LOW POWER DIFFERENTIAL SYNTHESIZER FOR PCIE GEN2
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9FGL699 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 9FGL699 Datasheet HTML 2Page - Renesas Technology Corp 9FGL699 Datasheet HTML 3Page - Renesas Technology Corp 9FGL699 Datasheet HTML 4Page - Renesas Technology Corp 9FGL699 Datasheet HTML 5Page - Renesas Technology Corp 9FGL699 Datasheet HTML 6Page - Renesas Technology Corp 9FGL699 Datasheet HTML 7Page - Renesas Technology Corp 9FGL699 Datasheet HTML 8Page - Renesas Technology Corp 9FGL699 Datasheet HTML 9Page - Renesas Technology Corp 9FGL699 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
9FGL699
6-OUTPUT LOW POWER DIFFERENTIAL SYNTHESIZER FOR PCIE GEN2
IDT® 6-OUTPUT LOW POWER DIFFERENTIAL SYNTHESIZER FOR PCIE GEN2
6
9FGL699
REV B 013113
SMBus Table: Reserved Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
0
Bit 2
0
Bit 1
0
Bit 0
0
SMBus Table: Output amplitude adjustment
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
RW
0
Bit 6
RW
1
Bit 5
RW
0
Bit 4
RW
1
Bit 3
0
Bit 2
0
Bit 1
RW
0
Bit 0
RW
1
SMBus Table: Reserved Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
0
Bit 2
0
Bit 1
0
Bit 0
0
SMBus Table: Vendor & Revision ID Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
RID3
R
-
-
0
Bit 6
RID2
R
-
-
0
Bit 5
RID1
R
-
-
0
Bit 4
RID0
R
-
-
0
Bit 3
VID3
R
-
-
0
Bit 2
VID2
R
-
-
0
Bit 1
VID1
R
-
-
0
Bit 0
VID0
R
-
-
1
Reserved
Reserved
Reserved
Reserved
Byte 5
Byte 4
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Byte 6
-
-
-
-
-
-
REVISION ID
Byte 7
-
-
-
-
VENDOR ID
-
-
Reserved
Reserved
Reserved
Reserved
Amplitude adjustment
00=700mV
01=800mV
10=900mV
11=1000mV
Reserved
Reserved
Reserved
Reserved
DIF_5/6 AMP
Amplitude adjustment
00=700mV
01=800mV
10=900mV
11=1000mV
DIF_1/2/3 AMP
Amplitude adjustment
00=700mV
01=800mV
10=900mV
11=1000mV
Reserved
Reserved
DIF_0 AMP
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com