Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9FGL699 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 9FGL699
Description  6-OUTPUT LOW POWER DIFFERENTIAL SYNTHESIZER FOR PCIE GEN2
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9FGL699 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 9FGL699 Datasheet HTML 3Page - Renesas Technology Corp 9FGL699 Datasheet HTML 4Page - Renesas Technology Corp 9FGL699 Datasheet HTML 5Page - Renesas Technology Corp 9FGL699 Datasheet HTML 6Page - Renesas Technology Corp 9FGL699 Datasheet HTML 7Page - Renesas Technology Corp 9FGL699 Datasheet HTML 8Page - Renesas Technology Corp 9FGL699 Datasheet HTML 9Page - Renesas Technology Corp 9FGL699 Datasheet HTML 10Page - Renesas Technology Corp 9FGL699 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
9FGL699
6-OUTPUT LOW POWER DIFFERENTIAL SYNTHESIZER FOR PCIE GEN2
IDT® 6-OUTPUT LOW POWER DIFFERENTIAL SYNTHESIZER FOR PCIE GEN2
7
9FGL699
REV B 013113
SMBus Table: Reserved Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
1
Bit 2
1
Bit 1
1
Bit 0
1
SMBus Table: Output Enable Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
DIF_3 EN
Output Enable
RW
Disable
Enable
1
Bit 5
DIF_2 EN
Output Enable
RW
Disable
Enable
1
Bit 4
0
Bit 3
0
Bit 2
0
Bit 1
0
Bit 0
0
-
Reserved
Byte 9
-
Reserved
Reserved
Reserved
Reserved
Reserved
Byte 8
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com