Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4985A Datasheet(PDF) 10 Page - STMicroelectronics

Part # L4985A
Description  CCM PFC controller with high voltage startupv
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4985A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L4985A Datasheet HTML 6Page - STMicroelectronics L4985A Datasheet HTML 7Page - STMicroelectronics L4985A Datasheet HTML 8Page - STMicroelectronics L4985A Datasheet HTML 9Page - STMicroelectronics L4985A Datasheet HTML 10Page - STMicroelectronics L4985A Datasheet HTML 11Page - STMicroelectronics L4985A Datasheet HTML 12Page - STMicroelectronics L4985A Datasheet HTML 13Page - STMicroelectronics L4985A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
5
Application information
5.1
Theory of operation
The L4985A/B implements a conventional peak current mode control, based on fixed-off-time (FOT) control
technique, with some proprietary circuitries that permit to ideally achieve the same performance of the more
complex/expensive average current mode control.
Referring to Figure 4, the power switch on-time (TON) is programmed by the output voltage control loop
comparing the current sense signal VCS with the internal current reference VCS_REF in order to keep the VOUT
regulation; whereas the power switch off-time (TOFF) is programmed by the “OFF-TIME modulator” circuitry in
order to keep quasi-fixed the switching frequency FSW in all operating conditions (see “Section 5.1 OFF-time
modulator” section for more details).
Figure 4. Control loop connections
The trans-conductance Error Amplifier V/A compares a portion of the output voltage VOUT, brought at its inverting
input externally available on pin FB via the resistor divider R3-R4, with an accurate internal reference VREF (2.5
V typ.) connected to the non-inverting input, and generates an error signal VC proportional to their difference. If
the bandwidth of the error amplifier, essentially determined by the frequency compensation network connected
between pin COMP and ground, is narrow enough – typically below 20 Hz – and a steady-state operation
is assumed, the VC error signal available at pin COMP can be regarded as a DC level, at least as a first
approximation. The VC voltage is then used by the “Vin & multiplier estimator” circuitry that, based also on the FW
and ZCD signals (see Figure 5 and Figure 6for more details), generates a voltage expressed by:
Equation 1
(1)
VGθ =VC  K1  VINθVOUT
where K1 is the circuitry gain (constant term) and
VINθ =Vin,pksinθ(with0≤θ≤π,asaresultofthe
rectification operated by the input bridge) is the instantaneous line input voltage.
Equation 1 shows as the VG(θ) voltage is proportional to the VIN(θ) input voltage and to the VC control voltage like
in a standard current-mode PFC, but without using the standard multiplier block and without the AC line sensing.
L4985
Application information
DS13769 - Rev 3
page 10/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com