Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4985A Datasheet(PDF) 11 Page - STMicroelectronics

Part # L4985A
Description  CCM PFC controller with high voltage startupv
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4985A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L4985A Datasheet HTML 7Page - STMicroelectronics L4985A Datasheet HTML 8Page - STMicroelectronics L4985A Datasheet HTML 9Page - STMicroelectronics L4985A Datasheet HTML 10Page - STMicroelectronics L4985A Datasheet HTML 11Page - STMicroelectronics L4985A Datasheet HTML 12Page - STMicroelectronics L4985A Datasheet HTML 13Page - STMicroelectronics L4985A Datasheet HTML 14Page - STMicroelectronics L4985A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
The VG(θ) voltage is then managed by the “THD-DCM optimizer” circuitry that acts as a simple gain (K2) in CCM
operation whereas in DCM operation opportunely shapes the VG(θ) voltage in order to achieve ideally sinusoidal
input current.
Considering the CCM operation, the VCS_REF(θ) voltage is then expressed by:
Equation 2
(2)
VCS_REFθCCM=VGθ  K2= KMVOUT VC  VINθ
where
KM=K1 K2istheequivalentmultipliergain(seeElectricalcharacteristicstablefordetails).
The internal current reference voltage VCS_REF(θ) is then compared with the current sense VCS(θ) pin voltage
(which is internally translated due to negative inductor current sensing) that is opportunely shaped by the “THD-
CCM optimizer” in order to achieve sinusoidal input current in CCM operation.
In particular, referring to Section 5.1 Figure 4 and Section 5.1 Figure 5, during the power switch-on time
the “THD-CCM optimizer“ circuitry sources a current ITHD_CCM(θ) to the CS pin, generating a voltage across the
external RTHD_CCM resistor that is subtracted to the inductor current sense voltage
 RS  ILθ.
The resulting VCS(θ) voltage, at external power switch turn-off condition, is then:
Equation 3
(3)
VCSθ = RS  IL,PKθ −  RTHD_CCM  ITHDCCMθ =VCS_REFθ
where the sourced ITHD_CCM(θ) current is:
Equation 4
E
(4)
ITHD_CCMθ = LP2 KCCM ΔILθ
LP is the inductor value, ∆IL(θ) is the inductor current ripple, KCCM (0.55 typ.) is the circuitry gain.
Figure 5. Left key waveforms of the circuit in figure
4
Figure 6. Right key waveforms of the circuit in
figure 4
L4985
Theory of operation
DS13769 - Rev 3
page 11/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com