Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4985A Datasheet(PDF) 19 Page - STMicroelectronics

Part # L4985A
Description  CCM PFC controller with high voltage startupv
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4985A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L4985A Datasheet HTML 15Page - STMicroelectronics L4985A Datasheet HTML 16Page - STMicroelectronics L4985A Datasheet HTML 17Page - STMicroelectronics L4985A Datasheet HTML 18Page - STMicroelectronics L4985A Datasheet HTML 19Page - STMicroelectronics L4985A Datasheet HTML 20Page - STMicroelectronics L4985A Datasheet HTML 21Page - STMicroelectronics L4985A Datasheet HTML 22Page - STMicroelectronics L4985A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
5.9.5
Inductor saturation detection (OCP2 function)
A second overcurrent level set at VCS_OCP2 (-0.75 V typ.) detects abnormal current values (e.g. due to boost
inductor saturation) and, on this occurrence for two consecutive switching cycles, activates a safety procedure
that immediately stops the converter activity until the current level reaches the zero-current threshold (VCS_ZCD).
The zero-current threshold monitor allows safe operations also during current surges occurring at power-up or
after a mains dip or missing cycle; in fact it allows switching start/restart only when the overcurrent event is
definitively over.
Figure 17. OCP2 timing
5.9.6
Feedback failure detection
The device handles the possible disconnection of both output voltage feedback and input current monitoring. At
startup, as soon as the VCC pin voltage reaches the VCC_ON turn-on threshold, the device checks the FB and CS
pins:
•
if the FB pin voltage is lower than the internal VFB_FF/EBM threshold (0.5 V typ.) a failure of the output
divider resistor is assumed (e.g. RFB_H resistor not mounted), then the device stops the switching activity
and reduces its consumption.
–
De-bounce time TFF/EBM_DB (1.8 µs typ.) is provided to avoid false triggering.
•
if the CS pin voltage is higher than the internal VCSD threshold (200 mV typ.) a failure of the current sensing
resistors is assumed (e.g. RTHD_CCM resistor not mounted and/or RS resistor burned), then the device
stops the switching activity and reduces its consumption. A recycle of VCC between the turn-off threshold
(VCC_OFF) and the turn-on threshold (V.) is needed to restart the converter.
–
De-bounce time TCSD_DB (10 µs typ.) is provided to avoid false triggering.
5.10
Line feedforward
To keep the maximum output power deliverable by the converter almost constant with respect to the AC input
voltage, a two-level discrete voltage feedforward is integrated in the controller. Basically, the AC input voltage
is monitored through the HV pin and internally compared with a fixed threshold to properly set the value of
equivalent multiplier gain KM (see Table 5. Electrical characteristics for details). The proper operation of the
converter, with the right KM multiplier gain, is guaranteed for an AC input voltage below 142 Vrms and above 166
Vrms.
L4985
Line feedforward
DS13769 - Rev 3
page 19/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com