Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPZ2012S221A Datasheet(PDF) 14 Page - STMicroelectronics

Part # MPZ2012S221A
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MPZ2012S221A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button MPZ2012S221A Datasheet HTML 10Page - STMicroelectronics MPZ2012S221A Datasheet HTML 11Page - STMicroelectronics MPZ2012S221A Datasheet HTML 12Page - STMicroelectronics MPZ2012S221A Datasheet HTML 13Page - STMicroelectronics MPZ2012S221A Datasheet HTML 14Page - STMicroelectronics MPZ2012S221A Datasheet HTML 15Page - STMicroelectronics MPZ2012S221A Datasheet HTML 16Page - STMicroelectronics MPZ2012S221A Datasheet HTML 17Page - STMicroelectronics MPZ2012S221A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
5.1.5
Switch-over feature
The switch-over (selectable by connecting the VBIAS pin as shown in Figure 11, left) helps to improve the
efficiency, especially at lower currents.
Figure 11. Switch-over selection
PGOOD
BOOT
SW
SW
VBIAS
FB
PGND
PGND
EP
GND
VOUT_prim
VOUT_iso
GND_iso
L6983I
CB
RFB1
RFB2
D
CSEC
COUT
PGOOD
BOOT
SW
SW
VBIAS
FB
PGND
PGND
EP
GND
VOUT_prim
VOUT_iso
GND_iso
L6983I
CB
RFB1
RFB2
D
CSEC
COUT
Switch-over
No switch-over
VBIAS can be also connected to an external power supply. The external power supply connected to the VBIAS pin
must be disabled when the voltage on the EN pin is lower than VWAKE_UP.
The effect on the efficiency for both the primary output and the secondary isolated output are shown in Figure 12.
Figure 12. Effect of the switch-over on the efficiency for primary output (left) and isolated secondary
output (right)
0%
1%
2%
3%
4%
5%
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
0,5
1
1,5
2
2,5
3
Primary output current [A]
VBIAS = VOUTprim
VBIAS = GND
Efficiency variation
0%
1%
2%
3%
4%
5%
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
0,1
0,2
0,3
0,4
0,5
Isolated output current [A]
VBIAS = VOUTprim
VBIAS = GND
Efficiency variation
5.1.6
Spread spectrum
The spread spectrum feature, helpful to improve EMC performances, is selectable by connecting the RFSW
resistor to the VCC pin (please refer to Section 4.1 Frequency selection table). The internal dithering circuit
changes the switching frequency in a range of ± 5%.
∆FSW=10%∙Fsw
(1)
The device updates the frequency every clock period by fixed steps:
Ramps up in 63 steps from minimum to maximum FSW
Ramps down in 63 steps from maximum to minimum FSW
The modulation shape is almost triangular with a frequency of:
FDitℎering=Fsw126
(2)
A visual explanation about how the switching frequency varies when the spread spectrum feature is used can be
observed in Figure 13.
L6983I
Primary side
DS14040 - Rev 1
page 14/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com