Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6983IQTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6983IQTR
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983IQTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6983IQTR Datasheet HTML 4Page - STMicroelectronics L6983IQTR Datasheet HTML 5Page - STMicroelectronics L6983IQTR Datasheet HTML 6Page - STMicroelectronics L6983IQTR Datasheet HTML 7Page - STMicroelectronics L6983IQTR Datasheet HTML 8Page - STMicroelectronics L6983IQTR Datasheet HTML 9Page - STMicroelectronics L6983IQTR Datasheet HTML 10Page - STMicroelectronics L6983IQTR Datasheet HTML 11Page - STMicroelectronics L6983IQTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
4.1
Frequency selection table
All the populations tested at TJ = 25 °C, VIN = 12 V unless otherwise specified.
Table 7. FSW selection
Symbol
Option
RFSW1 (kΩ)
RFSW2 (KΩ)
Min.
Typ.
Max.
Unit
FSW
Dithering
1.8
N.C.
200
kHz
0
N.C.
400
kHz
3.3
N.C.
500
kHz
5.6
N.C.
700
kHz
10
N.C.
1000
kHz
No dithering
N.C.
1.8
200
kHz
N.C.
0
360
400
440
kHz
N.C.
3.3
500
kHz
N.C.
5.6
630
700
770
kHz
N.C.
10
900
1000
1100
kHz
Figure 3. Frequency setting with dithering (left) and without (right)
FSW
VCC
AGND
FSW
VCC
AGND
R FSW2
R FSW1
L6983I
L6983I
L6983I
Frequency selection table
DS14040 - Rev 1
page 8/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com