Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6983IQTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6983IQTR
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983IQTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6983IQTR Datasheet HTML 12Page - STMicroelectronics L6983IQTR Datasheet HTML 13Page - STMicroelectronics L6983IQTR Datasheet HTML 14Page - STMicroelectronics L6983IQTR Datasheet HTML 15Page - STMicroelectronics L6983IQTR Datasheet HTML 16Page - STMicroelectronics L6983IQTR Datasheet HTML 17Page - STMicroelectronics L6983IQTR Datasheet HTML 18Page - STMicroelectronics L6983IQTR Datasheet HTML 19Page - STMicroelectronics L6983IQTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
5.4
Iso-buck operation principle
The picture below describes the operation principle of the iso-buck converter.
When the high-side MOSFET is turned on, the current flows through the primary winding of the transformer
and charges the primary output capacitor. Considering the dot convention of the transformer, the voltage at the
anode of the Schottky diode is negative, hence the diode is reverse biased and no current flows in the secondary
winding. The load connected to the secondary output is supplied by COUT2.
When the low-side MOSFET is turned on, the voltage applied at the transformer windings inverts its polarity.
As consequence, the Schottky diode is now forward biased and allows the current to flow from the secondary
winding to COUT and the load. Under this condition the energy transfer from primary to secondary side occurs.
Figure 14. Iso-buck basic operating principle
The waveforms in the figure below reproduce the trend of the current in the two windings in according to the
switch node transitions.
Figure 15. Iso-buck primary and secondary current waveforms
L6983I
Iso-buck operation principle
DS14040 - Rev 1
page 16/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com