Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6983IQTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6983IQTR
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983IQTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6983IQTR Datasheet HTML 16Page - STMicroelectronics L6983IQTR Datasheet HTML 17Page - STMicroelectronics L6983IQTR Datasheet HTML 18Page - STMicroelectronics L6983IQTR Datasheet HTML 19Page - STMicroelectronics L6983IQTR Datasheet HTML 20Page - STMicroelectronics L6983IQTR Datasheet HTML 21Page - STMicroelectronics L6983IQTR Datasheet HTML 22Page - STMicroelectronics L6983IQTR Datasheet HTML 23Page - STMicroelectronics L6983IQTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
The dependency of the isolated output voltage on the leakage is demonstrated by Figure 22, where the load
regulations with two different transformers are compared. The optimized solution implements the same inductor
of the demoboard described in section Section 11 , (ZB1346-AE, whose leakage inductance is around 1%
of the magnetizing inductance, as typically recommended). The not optimized solution consists of the use of a
transformer with a higher leakage inductance (twice as much the other transformer).
Figure 22. Effect of the transformer leakage inductance on the isolated output load regulation (VIN = 12 V,
VOUT_prim = 5 V, N = 6)
-30%
-20%
-10%
0%
10%
20%
30%
0
0.05
0.1
0.15
0.2
0.25
0.3
Isolated output current [A]
Optimized leakage inductance
Not optimized leakage inductance
6.3
Efficiency
Primary output
Figure 23 shows the efficiency referred to the primary output, at two different input voltages, achieving a peak
value of almost 90%.
Figure 23. Primary output efficiency (VOUT_prim = 5 V, fSW = 400 kHz, secondary isolated output not
loaded)
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
0,5
1
1,5
2
2,5
3
Primary output current [A]
Vin = 12 V
Vin = 24 V
90 %
≈
Figure 24 compares instead the efficiency trends depending on the switching frequency, whose effect dominates
at lower currents.
L6983I
Efficiency
DS14040 - Rev 1
page 20/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com