Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB021E Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kBits) 1.65 V Minimum SPI Serial Flash Memory
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 44Page - Renesas Technology Corp AT45DB021E Datasheet HTML 45Page - Renesas Technology Corp AT45DB021E Datasheet HTML 46Page - Renesas Technology Corp AT45DB021E Datasheet HTML 47Page - Renesas Technology Corp AT45DB021E Datasheet HTML 48Page - Renesas Technology Corp AT45DB021E Datasheet HTML 49Page - Renesas Technology Corp AT45DB021E Datasheet HTML 50Page - Renesas Technology Corp AT45DB021E Datasheet HTML 51Page - Renesas Technology Corp AT45DB021E Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
DS-AT45DB021E-8789 Rev. L
Page 48
8/11/22
© 2022 Renesas Electronics
AT45DB021E Datasheet
1. Typical values measured at 1.8V @ 25
°C for the 1.65 V to 3.6 V range.
2. Typical values measured at 3.0V @ 25
°C for the 2.3 V to 3.6 V range.
Note: All inputs (SI, SCK, CS, WP, and RESET) are guaranteed by design to be 5V toleran
t.
20.4 AC Characteristics
1. Values are based on device characterization, not 100% tested in production.
VIH
Input High Voltage
VCC x 0.8
VCC x 0.7
V
VOL
Output Low Voltage
IOL = 100µA
0.2
0.4
V
VOH
Output High
Voltage
IOH = -100µA
VCC - 0.2 V
VCC - 0.2 V
V
Symbol
Parameter
1.65 V to 3.6 V
2.3 V to 3.6 V
Min
Typ
Max
Min
Typ
Max
Units
fSCK
SCK Frequency
70
70
MHz
fCAR1
SCK Frequency for Continuous Read
70
85
MHz
fCAR2
SCK Frequency for Continuous Read
(Low Frequency)
33
33
MHz
fCAR3
SCK Frequency for Continuous Read
(Low Power Mode – 01h Opcode)
15
15
MHz
tWH
SCK High Time
4
4
ns
tWL
SCK Low Time
4
4
ns
tSCKR[1]
SCK Rise Time, Peak-to-peak
0.1
0.1
V/ns
tSCKF[1]
SCK Fall Time, Peak-to-peak
0.1
0.1
V/ns
tCS
Minimum CS High Time
20
20
ns
tCSS
CS Setup Time
6
5
ns
tCSH
CS Hold Time
55ns
tSU
Data In Setup Time
2
2
ns
tH
Data In Hold Time
1
1
ns
tHO
Output Hold Time
0
0
ns
tDIS[1]
Output Disable Time
8
6
ns
tV
Output Valid
7
6
ns
tWPE
WP Low to Protection Enabled
1
1
µs
tWPD
WP High to Protection Disabled
1
1
µs
tLOCK
Freeze Sector Lockdown Time
(from CS High)
200
200
µs
tEUDPD[1]
CS High to Ultra-Deep Power-Down
3
3
µs
tCSLU
Minimum CS Low Time to Exit Ultra-Deep
Power-Down
20
20
ns
tXUDPD
Exit Ultra-Deep Power-Down Time
240
120
µs
tEDPD[1]
CS High to Deep Power-Down
2
2
µs
tRDPD
Resume from Deep Power-Down Time
35
35
µs
tXFR
Page to Buffer Transfer Time
100
100
µs
tCOMP
Page to Buffer Compare Time
100
100
µs
tRST
RESET Pulse Width
10
10
µs
tREC
RESET Recovery Time
1
1
µs
tSWRST
Software Reset Time
35
35
µs
Table 34. DC Characteristics (Continued)
Symbol
Parameter
Condition
1.65 V to 3.6 V
2.3 V to 3.6 V
Units
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com