Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB021E Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kBits) 1.65 V Minimum SPI Serial Flash Memory
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 59Page - Renesas Technology Corp AT45DB021E Datasheet HTML 60Page - Renesas Technology Corp AT45DB021E Datasheet HTML 61Page - Renesas Technology Corp AT45DB021E Datasheet HTML 62Page - Renesas Technology Corp AT45DB021E Datasheet HTML 63Page - Renesas Technology Corp AT45DB021E Datasheet HTML 64Page - Renesas Technology Corp AT45DB021E Datasheet HTML 65Page - Renesas Technology Corp AT45DB021E Datasheet HTML 66Page - Renesas Technology Corp AT45DB021E Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 70 page
background image
DS-AT45DB021E-8789 Rev. L
Page 63
8/11/22
© 2022 Renesas Electronics
AT45DB021E Datasheet
29. Ordering Information
29.1 Ordering Detail
29.2 Ordering Codes (Standard DataFlash Page Size)
1. The shipping carrier suffix is not marked on the device.
2. Contact Renesas Electronics for mechanical drawing or Die Sales information.
3. Contact Renesas Electronics for availability.
Ordering Code
Package
Lead Finish
Operating Voltage
fSCK
Device Grade
AT45DB021E-SSHN-B [1]
8S1
NiPdAu
1.65 V to 3.6 V
70 MHz
Industrial
(-40
°C to 85 °C)
AT45DB021E-SSHN-T [1]
AT45DB021E-SHN-B [1]
8S2
AT45DB021E-SHN-T [1]
AT45DB021E-MHN-Y [1]
8MA1
AT45DB021E-MHN-T [1]
AT45DB021E-UUN-T [1][3]
CS2-8A
AT45DB021E-DWF[2]
DWF
Device Grade
H
= Green, NiPdAu lead finish,
Industrial temperature range
(–40°C to +85°C)
U = Green, Matte Sn, or Sn alloy,
Industrial temperature range
(–40°C to +85°C)
Designator
Product Family
Device Density
Device Revision
Shipping Carrier Option
Package Option
02 = 2-Mbit
Interface
1 = Serial
45DB = DataFlash
B
= Bulk (tubes)
T
= Tape and reel
Y
= Trays
Operating Voltage
N
= 1.65 V minimum (1.65 V to 3.6 V)
SS = 8-lead, 0.150” narrow SOIC
S
= 8-lead, 0.208” wide SOIC
M = 8-pad, 5 x 6 x 0.6 mm UDFN
U = 8-ball 1.9 x 1.4 mm WLCSP
DWF = Die in Wafer Form
A T45DB021E-SSHN-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com