Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB021E Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kBits) 1.65 V Minimum SPI Serial Flash Memory
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 62Page - Renesas Technology Corp AT45DB021E Datasheet HTML 63Page - Renesas Technology Corp AT45DB021E Datasheet HTML 64Page - Renesas Technology Corp AT45DB021E Datasheet HTML 65Page - Renesas Technology Corp AT45DB021E Datasheet HTML 66Page - Renesas Technology Corp AT45DB021E Datasheet HTML 67Page - Renesas Technology Corp AT45DB021E Datasheet HTML 68Page - Renesas Technology Corp AT45DB021E Datasheet HTML 69Page - Renesas Technology Corp AT45DB021E Datasheet HTML 70Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 69 / 70 page
background image
DS-AT45DB021E-8789 Rev. L
Page 69
8/11/22
© 2022 Renesas Electronics
AT45DB021E Datasheet
31. Revision History
Doc. Rev.
Date
Comments
8789A
05/2012
Initial document release.
8789B
11/2012
Corrected pinout diagrams to top view.
Added Read-Modify-Write section.
For figures Program Sector Protection Register, Read Sector Protection Register Command, and
Read Sector Lockdown Register Command, changed the opcode from n +15 to n +7.
Added note at end of section, Auto Page Rewrite.
Updated figure, Exit Ultra-Deep Power-Down.
In table, Additional Commands, changed “Auto Page Rewrite through Buffer” to “Auto Page Rewrite or
Read Modify Write through Buffer”.
Power-Up Timing, increased VPOR max from 1.55 to 1.60.
tXUDPD, 1.65 V increased maximum 70 µs to 120 µs and 2.3 V maximum from 70 µs to 240 µs.
tSE, increased typical from 250 ms to 350 ms and maximum from 450 ms to 550 ms.
Increased 1.65 V and 2.3 V typical and maximum values for IDPD, ISB, ICC1, and ICC2.
Added Legacy Commands table.
Updated datasheet status to preliminary.
Updated to Adesto template.
8789C
6/2013
Updated electrical and power specifications. Removed CCUN-T package from ordering codes, (not
available with this device).
Removed references to UBGA package (not available with this device). Moved “Buffer Read” from
Group C to Group A in Operation Mode Summary. Removed reference to concurrent read capability.
Removed preliminary datasheet status.
8789D
7/2013
Updated Auto Page Rewrite cycle to 50,000 cumulative page erase/program operations. Added
reserved part order codes.Updated DC conditions for VOL.
8789E
10/2013
Corrected Low Power Read Option (up to 15 MHz).
8789F
7/2015
Expanded explanation of Power up/Power down (Section 16). Added Die in Wafer Form package
option.Corrected the Read-Modify-Write description (Section 6.10). Removed unavailable package
and pin out diagram. Corrected Tables 15-6 and 15-7. Added information on Power Up (Section 16.1).
Updated Tables 12-1 and 12-3. Updated condition description for IUDPD, IDPD, and ISB. Updated Deep
Power Down and Ultra Deep Power Down timing diagrams.
8789G
3/2016
Added WLCSP package option. Updated Condition description for IDPD, and ISB. Added footnote to
tDIS, tEUDPD, tEPD.
8789H
1/2017
Added patent information.
8789I
7/2020
Updated format and layout. Copy edited throughout (no change in technical information).
For packages ending in SHN-B and SHN-T, removed link to note in the Ordering Codes tables that
states: “Not recommended for new designs. Use the 8S1 package option.”
8789J
3/2021
Updated notes to tables 28.2, 28.3, 28.4.
Removed original note 2 from table 28.3.
8789K
02/2022
Changed company logo to Renesas.
8789L
08/2022
Applied Renesas Corporate Template to document.
Added the following sentence to the description of CS in Table 1: “To ensure correct power-up
sequencing, it is recommended to add a 10k Ohm pull-up resistor from CS to VCC. This ensures CS
ramps together with VCC during power-up.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com