Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSPT855 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # CSPT855
Description  2.5V PHASE LOCKED LOOP CLOCK DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CSPT855 Datasheet(HTML) 3 Page - Renesas Technology Corp

  CSPT855 Datasheet HTML 1Page - Renesas Technology Corp CSPT855 Datasheet HTML 2Page - Renesas Technology Corp CSPT855 Datasheet HTML 3Page - Renesas Technology Corp CSPT855 Datasheet HTML 4Page - Renesas Technology Corp CSPT855 Datasheet HTML 5Page - Renesas Technology Corp CSPT855 Datasheet HTML 6Page - Renesas Technology Corp CSPT855 Datasheet HTML 7Page - Renesas Technology Corp CSPT855 Datasheet HTML 8Page - Renesas Technology Corp CSPT855 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
IDTCSPT855
2.5V PLL CLOCK DRIVER
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
NOTES:
1. H = HIGH Voltage Level
L = LOW Voltage Level
Z = High-Impedance OFF-State
X = Don't Care
2. Typically 10MHz.
FUNCTION TABLE(1)
INPUTS
OUTPUTS
AVDD
PWRDWN
CLK
CLK
Y
Y
FBOUT
FBOUT
PLL
GND
H
L
H
L
H
L
H
Bypassed/OFF
GND
H
H
L
H
L
H
L
Bypassed/OFF
X
L
L
H
Z
Z
Z
Z
OFF
X
L
H
L
Z
Z
Z
Z
OFF
2.5V (nom)
H
L
H
L
H
L
H
O N
2.5V (nom)
H
H
L
H
L
H
L
O N
2.5V (nom)
X
<20MHz(2)
<20MHz(2)
Z
Z
Z
Z
OFF
RECOMMENDED OPERATING CONDITIONS(1)
Symbol
Parameter
Min.
Typ.
Max.
Unit
AVDD,VDDQ
Supply Voltage
2.3
—
2.7
V
VIL
Input Voltage LOW
CLK,
CLK, FBIN, FBIN
——
VDDQ/2 - 0.18
V
PRWDWN
- 0.3
—
0.7
VIH
Input Voltage HIGH
CLK,
CLK, FBIN, FBIN
VDDQ/2 + 0.18
—
—
V
PRWDWN
1.7
—
VDDQ + 0.3
DC Input Signal Voltage(2)
- 0.3
—
VDDQ
V
VID
DifferentialInputSignalVoltage(3)
CLK, FBIN
0.36
—
VDDQ + 0.6
V
VO(X)
OutputDifferentialCross-Voltage(4)
VDDQ/2 - 0.2
VDDQ/2
VDDQ/2 + 0.2
V
VI(X)
Input Differential Pair Cross-Voltage(4)
VDDQ/2 - 0.2
—
VDDQ/2 + 0.2
V
IOH
HIGH-Level Output Current
—
—
- 12
mA
IOL
LOW-Level Output Current
—
—
12
mA
SR
Input Slew Rate, see figure 8
1
—
4
V/ns
TA
OperatingFree-AirTemperature
Commercial
0
—
+70
° C
Industrial
-40
—
+85
NOTES:
1. Unused inputs must be held HIGH or LOW to prevent them from floating.
2. DC input signal voltage specifies the allowable DC execution of differential input.
3. Differential input signal voltage specifies the differential voltage | VTR - VCP | required for switching, where VTR is the true input level and VCP is the complementary input level.
4. Differential cross-point voltage is expected to track variations of VDDQ and is the voltage at which the differential signals must be crossing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com