Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSPT855 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # CSPT855
Description  2.5V PHASE LOCKED LOOP CLOCK DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CSPT855 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button CSPT855 Datasheet HTML 3Page - Renesas Technology Corp CSPT855 Datasheet HTML 4Page - Renesas Technology Corp CSPT855 Datasheet HTML 5Page - Renesas Technology Corp CSPT855 Datasheet HTML 6Page - Renesas Technology Corp CSPT855 Datasheet HTML 7Page - Renesas Technology Corp CSPT855 Datasheet HTML 8Page - Renesas Technology Corp CSPT855 Datasheet HTML 9Page - Renesas Technology Corp CSPT855 Datasheet HTML 10Page - Renesas Technology Corp CSPT855 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
IDTCSPT855
2.5V PLL CLOCK DRIVER
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
FBIN
CLK
t(Ø)n
t(Ø)n + 1
t(Ø) =
N
n = N
1
t(Ø)n
∑
CLK
FBIN
(N is a large number of samples)
Figure 3. Static Phase Offset
Yx, FBOUT
Yx
tsk(o)
Yx, FBOUT
Yx
Figure 5. Output Skew
TEST CIRCUIT AND SWITCHING WAVEFORMS
FBIN
CLK
t(Ø)
tD(Ø)
CLK
FBIN
tD(Ø)
t(Ø)
tD(Ø)
tD(Ø)
Figure 4. Dynamic Phase Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com