Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSPT855 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # CSPT855
Description  2.5V PHASE LOCKED LOOP CLOCK DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CSPT855 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button CSPT855 Datasheet HTML 2Page - Renesas Technology Corp CSPT855 Datasheet HTML 3Page - Renesas Technology Corp CSPT855 Datasheet HTML 4Page - Renesas Technology Corp CSPT855 Datasheet HTML 5Page - Renesas Technology Corp CSPT855 Datasheet HTML 6Page - Renesas Technology Corp CSPT855 Datasheet HTML 7Page - Renesas Technology Corp CSPT855 Datasheet HTML 8Page - Renesas Technology Corp CSPT855 Datasheet HTML 9Page - Renesas Technology Corp CSPT855 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDTCSPT855
2.5V PLL CLOCK DRIVER
Yx, FBOUT
tjit(cc)
tcycle n
tcycle n+1
=
Yx, FBOUT
tcycle n
tcycle n+1
Figure 2. Cycle-to-Cycle jitter
TEST CIRCUIT AND SWITCHING WAVEFORMS
VDD/2
VDD/2
R = 10
Ω
Z = 60
Ω
C = 14pF
Z = 50
Ω
R = 50
Ω
VTT
Z = 60
Ω
C = 14pF
Z = 50
Ω
R = 50
Ω
R = 10
Ω
SCOPE
CSPT855
VDD/2
VDD/2
VTT
Figure 1. Output Load Test Circuit
NOTE:
1. V(TT) = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com