Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSPT857C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # CSPT857C
Description  2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CSPT857C Datasheet(HTML) 4 Page - Renesas Technology Corp

  CSPT857C Datasheet HTML 1Page - Renesas Technology Corp CSPT857C Datasheet HTML 2Page - Renesas Technology Corp CSPT857C Datasheet HTML 3Page - Renesas Technology Corp CSPT857C Datasheet HTML 4Page - Renesas Technology Corp CSPT857C Datasheet HTML 5Page - Renesas Technology Corp CSPT857C Datasheet HTML 6Page - Renesas Technology Corp CSPT857C Datasheet HTML 7Page - Renesas Technology Corp CSPT857C Datasheet HTML 8Page - Renesas Technology Corp CSPT857C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDTCSPT857C
2.5V - 2.6V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
VDDQ
GND
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
48
32
31
30
29
1
VDDQ
VDDQ
GND
25
26
27
28
GND
Y5
Y5
GND
Y0
Y0
Y1
Y1
GND
Y2
Y2
CLK
CLK
AVDD
Y3
Y3
VDDQ
Y4
Y6
Y6
GND
Y7
Y7
PWRDWN
FBIN
FBIN
VDDQ
FBOUT
FBOUT
Y8
Y8
VDDQ
Y9
Y9
GND
GND
GND
Y4
GND
VDDQ
VDDQ
VDDQ
AGND
PIN CONFIGURATIONS
TSSOP
TOP VIEW
VFQFPN
TOP VIEW
GND
Y2
Y2
VDDQ
CLK
CLK
VDDQ
AVDD
AGND
GND
Y7
Y7
VDDQ
PWRDWN
FBIN
FBIN
VDDQ
VDDQ
FBOUT
FBOUT
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
30
29
28
27
26
25
24
23
22
21
31
32
33
34
35
36
37
38
39
40
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Max
Unit
VDDQ, AVDD
Supply Voltage Range
–0.5 to +3.6
V
VI(2)
InputVoltageRange
–0.5 to VDDQ + 0.5
V
VO(2)
Voltage range applied to any
–0.5 to VDDQ + 0.5
V
output in the high or low state
IIK
Input Clamp Current
–50
mA
(VI <0)
IOK
Output Clamp Current
±50
mA
(VO <0 or
VO > VDDQ)
IO
ContinuousOutputCurrent
±50
mA
(VO =0 to VDDQ)
VDDQ or GND
ContinuousCurrent
±100
mA
TSTG
StorageTemperatureRange
– 65 to +150
° C
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. The input and output negative-voltage ratings may be exceeded if the input and output
clamp-current ratings are observed.
3. The maximum package power dissipation is calculated using a junction temperature
of 150
°C and a board trace length of 750 mils.
CAPACITANCE(1)
Parameter
Description
Min.
Typ.
Max.
Unit
CIN
InputCapacitance
2.5
—
3.5
pF
VI = VDDQ or GND
CI(
Δ)
DeltaInputCapacitance
-0.25
—
0.25
pF
VI = VDDQ or GND
CL
LoadCapacitance
—
14
—
pF
NOTE:
1. Unused inputs must be held high or low to prevent them from floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com