Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSPT857C Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CSPT857C
Description  2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CSPT857C Datasheet(HTML) 1 Page - Renesas Technology Corp

  CSPT857C Datasheet HTML 1Page - Renesas Technology Corp CSPT857C Datasheet HTML 2Page - Renesas Technology Corp CSPT857C Datasheet HTML 3Page - Renesas Technology Corp CSPT857C Datasheet HTML 4Page - Renesas Technology Corp CSPT857C Datasheet HTML 5Page - Renesas Technology Corp CSPT857C Datasheet HTML 6Page - Renesas Technology Corp CSPT857C Datasheet HTML 7Page - Renesas Technology Corp CSPT857C Datasheet HTML 8Page - Renesas Technology Corp CSPT857C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
IDTCSPT857C
2.5V - 2.6V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
200
8 Integrated Device Technology, Inc.
DSC-6201/1
7
c
IDTCSPT857C
2.5V - 2.6V PHASE LOCKED
LOOP DIFFERENTIAL 1:10
SDRAM CLOCK DRIVER
NOVEMBER
2008
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
FEATURES:
• 1 to 10 differential clock distribution
• Optimized for clock distribution in DDR (Double Data Rate)
SDRAM applications
• Operating frequency: 60MHz to 220MHz
• Very low skew:
– <100ps for PC1600 - PC2700
– <75ps for PC3200
• Very low jitter:
– <75ps for PC1600 - PC2700
– <50ps for PC3200
• 2.5V AVDD and 2.5V VDDQ for PC1600-PC2700
• 2.6V AVDD and 2.6V VDDQ for PC3200
• CMOS control signal input
• Test mode enables buffers while disabling PLL
• Low current power-down mode
• Tolerant of Spread Spectrum input clock
• Available in 48-pin TSSOP, 40-pin VFQFPN, and 56-pin VFBGA
packages
DESCRIPTION:
The CSPT857C is a PLL based clock driver that acts as a zero delay buffer
to distribute one differential clock input pair(CLK,
CLK)to10differentialoutput
pairs (Y[0:9], Y[0:9]) and one differential pair of feedback clock output (FBOUT,
FBOUT). External feedback pins (FBIN, FBIN) for synchronization of the
outputs to the input reference is provided. A CMOS Enable/Disable pin is
available for low power disable. When the input frequency falls below
approximately 20MHz, the device will enter power down mode. In this mode,
the receivers are disabled, the PLL is turned off, and the output clock drivers
are tristated, resulting in a current consumption of less than 200
μA.
The CSPT857C requires no external components and has been optimised
for very low I/O phase error, skew, and jitter, while maintaining frequency and
duty cycleovertheoperatingvoltageandtemperaturerange.TheCSPT857C,
designed for use in both module assemblies and system motherboard based
solutions, provides an optimum high-performance clock source.
The CSPT857C is available in Commercial Temperature Range (0°C to
+70°C) and Industrial Temperature Range (-40°C to +85°C). See Ordering
Informationfordetails.
APPLICATIONS:
• Meets or exceeds JEDEC standard JESD 82-1A for registered
DDR clock driver
• Meets proposed DDR1-400 specification
• For all DDR1 speeds: PC1600 (DDR200), PC2100 (DDR266),
PC2700 (DDR333), PC3200 (DDR400)
• Along with SSTV16857, SSTVF16857, SSTV16859, SSTVM16859,
SSTVF16859, DDR1 register, provides complete solution for
DDR1 DIMMs


Similar Part No. - CSPT857C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CSPT857D RENESAS-CSPT857D Datasheet
347Kb / 16P
2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
More results

Similar Description - CSPT857C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCSPU877A IDT-IDTCSPU877A Datasheet
139Kb / 13P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857D IDT-IDTCSPT857D Datasheet
138Kb / 15P
2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857C IDT-IDTCSPT857C Datasheet
143Kb / 15P
2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877D IDT-IDTCSPU877D Datasheet
139Kb / 13P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877A IDT-IDTCSPU877A_06 Datasheet
121Kb / 13P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPT857D RENESAS-CSPT857D Datasheet
347Kb / 16P
2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
CSPU877 RENESAS-CSPU877 Datasheet
306Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
CSPU877A RENESAS-CSPU877A Datasheet
298Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
CSPUA877 RENESAS-CSPUA877 Datasheet
292Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com