Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSPT857C Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # CSPT857C
Description  2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CSPT857C Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button CSPT857C Datasheet HTML 3Page - Renesas Technology Corp CSPT857C Datasheet HTML 4Page - Renesas Technology Corp CSPT857C Datasheet HTML 5Page - Renesas Technology Corp CSPT857C Datasheet HTML 6Page - Renesas Technology Corp CSPT857C Datasheet HTML 7Page - Renesas Technology Corp CSPT857C Datasheet HTML 8Page - Renesas Technology Corp CSPT857C Datasheet HTML 9Page - Renesas Technology Corp CSPT857C Datasheet HTML 10Page - Renesas Technology Corp CSPT857C Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
IDTCSPT857C
2.5V - 2.6V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE FOR PC3200
Following Conditions Apply Unless Otherwise Specified:
Commercial: TA = 0°C to +70°C; Industrial: TA = -40°C to +85°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIK
Input Clamp Voltage (All Inputs)
VDDQ = 2.5V, II = -18mA
⎯⎯
– 1.2
V
VIL(dc)
Static Input LOW Voltage
PWRDWN
– 0.3
⎯
0.7
V
VIH(dc)
Static Input HIGH Voltage
PWRDWN
1.7
⎯
VDDQ + 0.3
VIL(ac)
Dynamic Input LOW Voltage
CLK,
CLK, FBIN, FBIN
⎯⎯
0.7
V
VIH(ac)
Dynamic Input HIGH Voltage
CLK,
CLK, FBIN, FBIN
1.7
VDDQ
VOL
Output LOW Voltage
AVDD/VDDQ = Min., IOL = 100
μA
⎯
0.1
V
AVDD/VDDQ = Min., IOL = 12mA
⎯
0.6
VOH
Output HIGH Voltage
AVDD/VDDQ = Min., IOH = -100
μAVDDQ – 0.1
V
AVDD/VDDQ = Min., IOH = -12mA
1.7
VIX
Input Differential Cross Voltage
VDDQ/2 – 0.2
VDDQ/2 + 0.2
V
VID(DC)(1)
DC Input Differential Voltage
0.36
VDDQ + 0.6
V
VID(AC)(1)
AC Input Differential Voltage
0.7
VDDQ + 0.6
V
IIN
InputCurrent
VDDQ = 2.7V, VI = 0V to 2.7V
±10
μA
IDDPD
Power-Down Current on VDDQ and AVDD
AVDD/VDDQ = Max., CLK = 0MHz or
PWRDWN = L
⎯
100
200
μA
IDDQ
Dynamic Power Supply Current on VDDQ
AVDD/VDDQ = Max., CLK = 200MHz, 120
Ω/14pF
⎯
320
360
mA
AVDD/VDDQ = Max., CLK = 200MHz, 120
Ω/14pF
⎯
250
300
IADD
Dynamic Power Supply Current on AVDD
AVDD/VDDQ = Max., CLK = 200MHz
⎯
12
mA
NOTE:
1. VID is the magnitude of the difference between the input level on CLK and the input level on
CLK.
TIMING REQUIREMENTS FOR PC3200
Symbol
Parameter
Min.
Max.
Unit
fCLK
Operating Clock Frequency(1,2)
60
220
MHz
Application Clock Frequency(1,3)
60
220
MHz
tDC
Input Clock Duty Cycle
40
60
%
tL
StabilizationTime(4)
⎯
100
μs
NOTES:
1.
The PLL will track a spread spectrum clock input.
2.
Operating clock frequency is the range over which the PLL will lock, but may not meet all timing specifications.
3.
Application clock frequency is the range over which timing specifications apply.
4.
Stabilization time is the time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal after power up.
TIMING REQUIREMENTS FOR PC1600 - PC2700
Symbol
Parameter
Min.
Max.
Unit
fCLK
Operating Clock Frequency(1,2)
60
200
MHz
Application Clock Frequency(1,3)
60
200
MHz
tDC
Input Clock Duty Cycle
40
60
%
tL
StabilizationTime(4)
⎯
100
μs
NOTES:
1.
The PLL will track a spread spectrum clock input.
2.
Operating clock frequency is the range over which the PLL will lock, but may not meet all timing specifications.
3.
Application clock frequency is the range over which timing specifications apply.
4.
Stabilization time is the time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal after power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com