Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL320N4LF8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL320N4LF8
Description  N-channel enhancement mode logic level 40 V, 0.8 mΩ max., 360 A, STripFET F8 Power MOSFET in a PowerFLAT 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL320N4LF8 Datasheet(HTML) 1 Page - STMicroelectronics

  STL320N4LF8 Datasheet HTML 1Page - STMicroelectronics STL320N4LF8 Datasheet HTML 2Page - STMicroelectronics STL320N4LF8 Datasheet HTML 3Page - STMicroelectronics STL320N4LF8 Datasheet HTML 4Page - STMicroelectronics STL320N4LF8 Datasheet HTML 5Page - STMicroelectronics STL320N4LF8 Datasheet HTML 6Page - STMicroelectronics STL320N4LF8 Datasheet HTML 7Page - STMicroelectronics STL320N4LF8 Datasheet HTML 8Page - STMicroelectronics STL320N4LF8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PowerFLAT 5x6
GADG09062022
5
6
7
8
1
2
3
4
Top View
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)
Features
Order code
VDS
RDS(on) max.
ID
STL320N4LF8
40 V
0.8 mΩ
360 A
•
MSL1 grade
•
175 °C operating temperature
•
100% avalanche tested
Applications
•
Switching applications
Description
This N-channel Power MOSFET utilizes STripFET F8 technology featuring an
enhanced trench gate structure.
It ensures very low on-state resistance while reducing internal capacitances and gate
charge for faster and more efficient switching.
Product status link
STL320N4LF8
Product summary
Order code
STL320N4LF8
Marking(1)
320N4LF8
Package
PowerFLAT 5x6
Packing
Tape and reel
1. For engineering samples marking, see
PowerFLAT 5x6 marking information.
N-channel enhancement mode logic level 40 V, 0.8 mΩ max., 360 A,
STripFET F8 Power MOSFET in a PowerFLAT 5x6 package
STL320N4LF8
Datasheet
DS13908 - Rev 2 - June 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STL320N4LF8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL325N4LF8AG STMICROELECTRONICS-STL325N4LF8AG Datasheet
644Kb / 15P
Automotive N‑channel enhancement mode logic level 40 V, 0.75 mΩ max., 373 A STripFET F8 Power MOSFET in a PowerFLAT 5x6
27-Apr-2022
More results

Similar Description - STL320N4LF8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL120N2VH5 STMICROELECTRONICS-STL120N2VH5 Datasheet
655Kb / 18P
N-channel 20 V, 0.002, 28 A STripFET V Power MOSFET in PowerFLAT 5x6 package
01-Mar-2012
STL325N4LF8AG STMICROELECTRONICS-STL325N4LF8AG Datasheet
644Kb / 15P
Automotive N‑channel enhancement mode logic level 40 V, 0.75 mΩ max., 373 A STripFET F8 Power MOSFET in a PowerFLAT 5x6
27-Apr-2022
STL105N4LF7AG STMICROELECTRONICS-STL105N4LF7AG Datasheet
936Kb / 15P
Automotive-grade N-channel 40 V, 3.0 mΩ typ., 105 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
18-Jan-2018
STL260N4F7 STMICROELECTRONICS-STL260N4F7 Datasheet
850Kb / 16P
N-channel 40 V, 0.9 mΩ typ., 120 A, STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
03-Apr-2019
STL285N4F7AG STMICROELECTRONICS-STL285N4F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 40 V, 0.9 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
09-Jun-2016
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
STL120N10F8 STMICROELECTRONICS-STL120N10F8 Datasheet
633Kb / 15P
N‑channel enhancement mode standard level 100 V, 4.6 mΩ max., 125 A STripFET F8 Power MOSFET in a PowerFLAT 5x6 package
13-Jan-2023
STL160N4F7 STMICROELECTRONICS-STL160N4F7 Datasheet
861Kb / 18P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
20-Nov-2019
STL90N10F7 STMICROELECTRONICS-STL90N10F7_V01 Datasheet
842Kb / 16P
N-channel 100 V, 7 mΩ typ., 70 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
10-Feb-2020
STL90N6F7 STMICROELECTRONICS-STL90N6F7_V01 Datasheet
505Kb / 14P
N-channel 60 V, 4.6 mΩ typ., 90 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
24-Jan-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com