Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL320N4LF8 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL320N4LF8
Description  N-channel enhancement mode logic level 40 V, 0.8 mΩ max., 360 A, STripFET F8 Power MOSFET in a PowerFLAT 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL320N4LF8 Datasheet(HTML) 4 Page - STMicroelectronics

  STL320N4LF8 Datasheet HTML 1Page - STMicroelectronics STL320N4LF8 Datasheet HTML 2Page - STMicroelectronics STL320N4LF8 Datasheet HTML 3Page - STMicroelectronics STL320N4LF8 Datasheet HTML 4Page - STMicroelectronics STL320N4LF8 Datasheet HTML 5Page - STMicroelectronics STL320N4LF8 Datasheet HTML 6Page - STMicroelectronics STL320N4LF8 Datasheet HTML 7Page - STMicroelectronics STL320N4LF8 Datasheet HTML 8Page - STMicroelectronics STL320N4LF8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Table 6. Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD(1)(2)
Forward on current
(continuous)
TC = 25 °C
-
135
A
VSD
Forward on voltage
ISD = 60 A, VGS = 0 V
-
1.1
V
trr(1)
Reverse recovery time
ID = 60 A, di/dt = 100 A/µs, VDD = 32 V
-
60.1
ns
Qrr(1)
Reverse recovery charge
-
74.4
nC
IRRM(1)
Reverse recovery current
-
2.5
A
1. Specified by design and evaluated by characterization, not tested in production.
2. The value is relevant to RthJC. Current limitations will come from the operating conditions, such as temperature and thermal
resistance of the PCB.
STL320N4LF8
Electrical characteristics
DS13908 - Rev 2
page 4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com