Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL320N4LF8 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL320N4LF8
Description  N-channel enhancement mode logic level 40 V, 0.8 mΩ max., 360 A, STripFET F8 Power MOSFET in a PowerFLAT 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL320N4LF8 Datasheet(HTML) 3 Page - STMicroelectronics

  STL320N4LF8 Datasheet HTML 1Page - STMicroelectronics STL320N4LF8 Datasheet HTML 2Page - STMicroelectronics STL320N4LF8 Datasheet HTML 3Page - STMicroelectronics STL320N4LF8 Datasheet HTML 4Page - STMicroelectronics STL320N4LF8 Datasheet HTML 5Page - STMicroelectronics STL320N4LF8 Datasheet HTML 6Page - STMicroelectronics STL320N4LF8 Datasheet HTML 7Page - STMicroelectronics STL320N4LF8 Datasheet HTML 8Page - STMicroelectronics STL320N4LF8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2
Electrical characteristics
TJ = 25 °C unless otherwise specified.
Table 3. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 1 mA
40
V
IDSS
Zero gate voltage drain current
VDS = 40 V, VGS = 0 V
1
µA
VDS = 40 V, VGS = 0 V,
TJ = 125°C(1)
100
IGSS
Gate-body leakage current
VGS = 20 V, VDS = 0 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 μA
1.2
2.0
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 60 A
0.55
0.8
mΩ
VGS = 4.5 V, ID = 60 A
0.85
1.15
RG(1)
Gate resistance
1.2
Ω
1. Specified by design and evaluated by characterization, not tested in production.
Table 4. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss(1)
Input capacitance
VDS = 25 V, f = 1 MHz, VGS = 0 V
-
7657
-
pF
Coss(1)
Output capacitance
-
1968
-
pF
Crss(1)
Reverse transfer capacitance
-
50
-
pF
Qg(1)
Total gate charge
VDD = 20 V, ID = 60 A, VGS = 0 to 4.5 V
-
41
-
nC
VDD = 20 V, ID = 60 A, VGS = 0 to 10 V
-
96
-
Qgs(1)
Gate-source charge
VDD = 20 V, ID = 60 A, VGS = 0 to 4.5 V
-
20
-
nC
Qgd(1)
Gate-drain charge
-
6.9
-
nC
Qg(sync)(1)
Total gate charge, sync. MOSFET VDS = 0.1 V, VGS = 0 to 4.5 V
-
43
-
nC
Qoss(1)
Output charge
VDD = 20 V, VGS = 0 V
-
102
-
nC
1. Specified by design and evaluated by characterization, not tested in production.
Table 5. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)(1)
Turn-on delay time
VDD = 20 V, ID = 60 A,
RG = 4.7 Ω, VGS = 10 V
-
12.5
-
ns
tr(1)
Rise time
-
6.5
-
ns
td(off)(1)
Turn-off delay time
-
89
-
ns
tf(1)
Fall time
-
21
-
ns
1. Specified by design and evaluated by characterization, not tested in production.
STL320N4LF8
Electrical characteristics
DS13908 - Rev 2
page 3/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com