Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-2STPD01 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STEVAL-2STPD01
Description  USB Type-C™ protection for source application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-2STPD01 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STEVAL-2STPD01 Datasheet HTML 8Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 9Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 10Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 11Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 12Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 13Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 14Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 15Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
7
Protection features
TCPP02-M18 embeds protection features for source applications, as required by:
USB-C specification
USB power delivery specification 3.1
International electrotechnical commission (IEC)
7.1
FLGn pin description
FLGn pin is an open-drain output flag in steady state, it must be left floating when not connected.
In normal mode, FLGn indicates an error (OVP, OCP or OTP): I2C registers must be read to identify the error.
Recovery for each error type is described in each section of below paragraphs.
7.2
How to protect against ESD (electrostatic discharge) applied on the USB Type-
C™ connector?
Electrostatic discharges can be conducted by the USB Type-C™ connector and damage the electronic circuitry of
the application.
The international electrotechnical commission modelize the ESD surge waveform in the specification
IEC61000-4-2.
The TCPP02-M18 integrates ESD protection for CC1 and CC2 lines up to +8 kV contact discharge, associated
with an external 100 nF - 50 V capacitor on CBIAS pin.
Please refer to AN4871 USB Type-C™ protection and filtering to apply a required protection to comply with the
IEC61000-4-2 specification.
For more information on IEC61000-4-2 standard testing, please refer to the STMicroelectronics application note
AN3353.
7.3
VBUS management
Until now, it was common to find the protection circuit inside a controller dedicated to USB-C power delivery.
However, by supporting USB-C PD with an embedded module inside an MCU and a companion Type-C port
protection device, you can lower your bill of material and facilitate the transition , without requiring an expensive
USB-C PD ASIC controller. One of the reasons the MCU and TCPP02-M18 bundle is such a compelling financial
proposition is that the latter device integrates the VBUS gate drivers, which enables the use of cheaper and
smaller N-MOSFETs, instead of the P-MOSFETs usually used by ASIC controllers.
7.4
VBUS current sense (IANA pin)
The IANA output pin is active only in normal mode.
The IANA output can be connected directly to the STM32 ADC input because it is internally biased by EN pin.
The IANA output voltage level is about 1.7 V at the OCP tripping level allowing connection to 1.8 V MCU I/O pin.
TCPP02-M18
Protection features
DS13787 - Rev 4
page 12/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com