Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-2STPD01 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STEVAL-2STPD01
Description  USB Type-C™ protection for source application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-2STPD01 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STEVAL-2STPD01 Datasheet HTML 11Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 12Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 13Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 14Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 15Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 16Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 17Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 18Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
7.6
VCONN OCP
At start-up, a soft start sets the tripping current to about 590 mA during 512 µs min. (1ms max.)
After this delay, the soft start is ended and the normal OCP threshold occurs (50 mA).
If an OCP event occurs:
VCONN switches, CC switches and gate drivers are shutting down
During up to 40 µs typical, this OCP alarm is held (no recovery is possible)
After this delay, CC switches are turned ON but VCONN switches and gate drivers are held OFF. The
system can be restarted only with a recovery word send by the MCU via the I2C bus.
The FLGn signal stays low as long as the recovery word has not been sent
Figure 10. VCONN OCP chronograms
ALARM HOLDING
OCP switch open
System OFF
Soft start
SYSTEM ON
NORMAL
SYSTEM ON
Over current
VCONN current
Inrush current
512 µs (typ.)
VCONN switch
ON
OFF
State
ALARM HOLDING
OCP switch open
System is waiting recovery word (CC switches ON)
up to 40 µs typ
OCP threshold is set to 590 mA OCP threshold is set to 47mA typ.
To recover, the below bit sequence has to be written and after recovery, the user can resume a start-up
procedure:
Table 14. VBUS OCP recovery bit sequence table
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0
0
PM2
PM1
1
0
0
0
7.7
VCONN CC line OVP
7.7.1
CC lines short to VBUS
USB Type-C™ standard specifies a pitch of 0.5 mm between connector pins (see figure 3-1 USB Type-C™
receptacle interface dimensions in USB Type-C cable and connector specification).
VBUS pin being adjacent to the CC pins, when removing the USB Type-C™ plug from the connector, VBUS can
be shorted to CC lines and apply a voltage higher than specified for CC lines.
Over voltage protection is needed on the CC lines because VBUS typical voltage can be as high as 20 V when
CC pins are usually 5 V tolerant I/Os on low voltage USB-PHY controllers.
TCPP02-M18 integrate this protection against CC lines short to VBUS thanks to an overvoltage protection
(integrated FET).
When the voltage on the CC line goes above VTH_CC, the OVP on CC line turns-on in less than 60ns (TOVP_CC
typical value) and FLGn pin goes to '0' state.
When the OVP event disappears, the OVP on the CC line is turned-off and the FLGn pin goes back to 'Hi-Z' state.
TCPP02-M18
VCONN OCP
DS13787 - Rev 4
page 15/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com