Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-2STPD01 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STEVAL-2STPD01
Description  USB Type-C™ protection for source application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-2STPD01 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STEVAL-2STPD01 Datasheet HTML 10Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 11Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 12Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 13Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 14Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 15Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 16Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 17Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Figure 9. Typical chronograms of TCPP02-M18 VBUS OCP
ALARM HOLDING
OCP switch open
System OFF
NORMAL
SYSTEM ON
Gate driver
ON
OFF
TCPP
ALARM HOLDING
System is waiting recovery word
up to 40 us
OCP switch closed
Over current
VBUS current
Note:
In case of VBUS OCP event, the TCPP02-M18 switches OFF all active functions except CC switches:
VCONN switches
VBUS gate driver
VCONN and VBUS discharge paths are activated
It is signaled to the user by several ways:
I2C corresponding state bits are cleared (i.e. VCONN1_ACK = 0, VCONN2_ACK = 0…)
I2C relevant OCP flag is set (FLGn_OCP_VBUS is the OCP event coming from VBUS switch for
example)
Failure flag pin (FLGn) is active (i.e. in LowZ state)
After a delay of up to 40 µs, to recover, the below bit sequence has to be written and after recovery, the
user can resume a start-up procedure:
Table 13. VBUS OCP recovery bit sequence table
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0
0
PM2
PM1
1
0
0
0
TCPP02-M18
VBUS analog current measurement and OCP
DS13787 - Rev 4
page 14/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com