Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83C752 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 83C752
Description  80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C752 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 83C752 Datasheet HTML 5Page - NXP Semiconductors 83C752 Datasheet HTML 6Page - NXP Semiconductors 83C752 Datasheet HTML 7Page - NXP Semiconductors 83C752 Datasheet HTML 8Page - NXP Semiconductors 83C752 Datasheet HTML 9Page - NXP Semiconductors 83C752 Datasheet HTML 10Page - NXP Semiconductors 83C752 Datasheet HTML 11Page - NXP Semiconductors 83C752 Datasheet HTML 12Page - NXP Semiconductors 83C752 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Philips Semiconductors
Product specification
83C752/87C752
80C51 8-bit microcontroller family
2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1998 May 01
9
Table 2.
8XC752 Special Function Registers
SYMBOL
DESCRIPTION
DIRECT
ADDRESS
BIT ADDRESS, SYMBOL, OR ALTERNATIVE PORT FUNCTION
MSB
LSB
RESET
VALUE
ACC*
Accumulator
E0H
E7
E6
E5
E4
E3
E2
E1
E0
00H
ADAT#
A/D result
84H
00H
ADCON#
A/D control
A0H
ENADC
ADCI
ADCS
AADR2
AADR1
AADR0
C0H
B*
B register
F0H
F7
F6
F5
F4
F3
F2
F1
F0
00H
DPTR:
DPL
DPH
Data pointer
(2 bytes)
Data pointer low
Data pointer high
82H
83H
00H
00H
DF
DE
DD
DC
DB
DA
D9
D8
I2CFG*#
I2C configuration
D8H/RD
SLAVEN
MASTRQ
0
TIRUN
CT1
CT0
0000xx00B
WR
SLAVEN
MASTRQ
CLRTI
TIRUN
CT1
CT0
9F
9E
9D
9C
9B
9A
99
98
I2CON*#
I2C control
98H/RD
RDAT
ATN
DRDY
ARL
STR
STP
MASTER
81H
WR
CXA
IDLE
CDR
CARL
CSTR
CSTP
XSTR
XSTP
I2DAT#
I2C data
99H/RD
RDAT
0
0
0
0
0
0
0
80H
WR
XDAT
X
X
X
X
X
X
X
FF
FE
FD
FC
FB
FA
F9
F8
I2STA*#
I2C status
F8H
IDLE
XDATA
XACTV
MAKSTR
MAKSTP
XSTR
XSTP
x0100000B
AF
AE
AD
AC
AB
AA
A9
A8
IE*#
Interrupt enable
ADH
EA
EAD
ETI
ES
EPWM
EX1
ET0
EX0
00H
84
83
82
81
80
xxx11111B
P0*#
Port 0
80H
PWM0
SDA
SCL
97
96
95
94
93
92
91
90
FFH
P1*#
Port 1
90H
T0
INT1
INT0
ADC4
ADC3
ADC2
ADC1
ADC0
P3*
Port 3
B0H
B7
B6
B5
B4
B3
B2
B1
B0
FFH
PCON#
Power control
87H
PD
IDL
xxxx0000B
D7
D6
D5
D4
D3
D2
D1
D0
PSW*
Program status word
D0H
CY
AC
F0
RS1
RS0
OV
P
00H
PWCM#
PWM compare
8EH
xxxxxxxxB
PWENA#
PWM enable
FEH
PWE
FEH
PWMP#
PWM prescaler
8FH
00H
RTL#
Timer low reload
8BH
00H
RTH#
Timer high reload
8DH
00H
SP
Stack pointer
81H
07H
TL#
Timer low
8AH
00H
TH#
Timer high
8CH
00H
8F
8E
8D
8C
8B
8A
89
88
TCON*#
Timer control
88H
GATE
C/T
TF
TR
IE0
IT0
IE1
IT1
00H
*
SFRs are bit addressable.
#
SFRs are modified from or added to the 80C51 SFRs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com