Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83C752 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 83C752
Description  80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C752 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 83C752 Datasheet HTML 8Page - NXP Semiconductors 83C752 Datasheet HTML 9Page - NXP Semiconductors 83C752 Datasheet HTML 10Page - NXP Semiconductors 83C752 Datasheet HTML 11Page - NXP Semiconductors 83C752 Datasheet HTML 12Page - NXP Semiconductors 83C752 Datasheet HTML 13Page - NXP Semiconductors 83C752 Datasheet HTML 14Page - NXP Semiconductors 83C752 Datasheet HTML 15Page - NXP Semiconductors 83C752 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Philips Semiconductors
Product specification
83C752/87C752
80C51 8-bit microcontroller family
2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1998 May 01
12
COUNTER/TIMER
The 8XC752 counter/timer is designated Timer 0 and is separate
from Timer I of the I2C serial port and from the PWM. Its operation is
similar to mode 2 of the 80C51 counter/timer, extended to 16 bits.
When Timer 0 is used in the external counter mode, the T0 input
(P1.7) is sampled every S4P1. The counter/timer function is
controlled using the timer control register (TCON).
TCON Register
MSB
LSB
GATE
C/T
TF
TR
IE0
IT0
IE1
IT1
Position Symbol
Function
TCON.7
GATE
1 – Timer 0 is enabled only when INT0 pin is
high and TR is 1.
0 – Timer 0 is enabled only when TR is 1.
TCON.6
C/T
1 – Counter operation from T0 pin.
0 – Timer operation from internal clock.
TCON.5
TF
1 – Set on overflow of T0.
0 – Cleared when processor vectors to interrupt
routine and by reset.
TCON.4
TR
1 – Enable timer 0
0 – Disable timer 0
TCON.3
IE0
1 – Edge detected on INT0
TCON.2
IT0
1 – INT0 is edge triggered.
0 – INT0 is level sensitive.
TCON.1
IE1
1 – Edge detected on INT1
TCON.0
IT1
1 – INT1 is edge triggered.
0 – INT1 is level sensitive.
These flags are functionally identical to the corresponding 80C51
flags except that there is only one of the 80C51 style timers, and the
flags are combined into one register.
Note that the positions of the IE0/IT0 and IE1/IT1 bits are
transposed from the positions used in the standard 80C51 TCON
register.
A communications watchdog timer, Timer I, is described in the I2C
section. In I2C applications, this timer is dedicated to time generation
and bus monitoring for the I2C. In non-I2C applications, it is available
for use as a fixed time base.
The 16-bit timer/counter’s operation is similar to mode 2 operation
on the 80C51, but is extended to 16 bits. The timer/counter is
clocked by either 1/12 the oscillator frequency or by transitions on
the T0 pin. The C/T pin in special function register TCON selects
between these two modes. When the TCON TR bit is set, the
timer/counter is enabled. Register pair TH and TL are incremented
by the clock source. When the register pair overflows, the register
pair is reloaded with the values in registers RTH and RTL. The value
in the reload registers is left unchanged. The TF bit in special
function register TCON is set on counter overflow and, if the
interrupt is enabled, will generate an interrupt (see Figure 3).
OSC
÷ 12
TL
TH
TF
RTL
RTH
T0 Pin
TR
Gate
INT0 Pin
Int.
C/T = 0
C/T = 1
Reload
SU00300
Figure 3. 83C752 Counter/Timer Block Diagram
Table 3. I2C Special Function Register Addresses
REGISTER ADDRESS
BIT ADDRESS
NAME
SYMBOL
ADDRESS
MSB
LSB
I2C control
I2CON
98
9F
9E
9D
9C
9B
9A
99
98
I2C data
I2DAT
99
I2C configuration
I2CFG
D8
DF
DE
DD
DC
DB
DA
D9
D8
I2C status
I2STA
F8
FF
FE
FD
FC
FB
FA
F9
F8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com