Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA16200 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 113Page - Renesas Technology Corp DA16200 Datasheet HTML 114Page - Renesas Technology Corp DA16200 Datasheet HTML 115Page - Renesas Technology Corp DA16200 Datasheet HTML 116Page - Renesas Technology Corp DA16200 Datasheet HTML 117Page - Renesas Technology Corp DA16200 Datasheet HTML 118Page - Renesas Technology Corp DA16200 Datasheet HTML 119Page - Renesas Technology Corp DA16200 Datasheet HTML 120Page - Renesas Technology Corp DA16200 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
117 of 153
© 2023 Renesas Electronics
Table 174: HIF_AHB_SA (0x5003_0050)
Bit
Mode
Symbol
Description
Reset
31:0
R
HIF_AHB_SA
This register specifies the start address of AHB bus for data
transfer
32'h00
Table 175: HIF_AHB_EA (0x5003_0054)
Bit
Mode
Symbol
Description
Reset
31:0
R
HIF_AHB_EA
This register specifies the end address of AHB bus for data
transfer
32'h00
Table 176: HIF_BUS_ST (0x5003_0060)
Bit
Mode
Symbol
Description
Reset
31:8
-
-
Reserved
7
R/W
RSP_RET_ST
Receive the response from the device
0: Not receive
1: Receive
1'b0
6
R
CMD_BUSY
CMD/RSP Status Machine Busy Status
0: Not ongoing command/response (Idle)
1: Have ongoing command/response (Busy)
1'b0
5
R
DAT_BUSY
Data Status Machine Busy Status
0: Not ongoing data transfer (Idle)
1: Have ongoing data transfer (Busy)
1'b0
4
R
HCMD_ST
Status of Host Interface CMD signal
1'b0
3:0
R
RSP_CMD_IDX
Status of Host Interface Data signals
4'h0
Table 177: HIF_SM_ST (0x5003_0064)
Bit
Mode
Symbol
Description
Reset
31:16
R
HIF_DAT_CNT
Data Count Status
16'h0
15:13
-
-
Reserved
12:8
R
HIF_DAT_SM
Data State Machine Status
5'h0
7:5
-
-
Reserved
4:0
R
HIF_CMD_SM
CMD/RSP State Machine Status
5'h0
Table 178: HIF_XTR_CNT (0x5003_0068)
Bit
Mode
Symbol
Description
Reset
31:24
-
-
Reserved
23:0
R
RSP_TMO_CNT
Transferred Data Block Count Status
This register reports the number of the transferred data
blocks. The value of this counter will be cleared after a new
read/write command has been sent
24'h00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com