Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA16200 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 114Page - Renesas Technology Corp DA16200 Datasheet HTML 115Page - Renesas Technology Corp DA16200 Datasheet HTML 116Page - Renesas Technology Corp DA16200 Datasheet HTML 117Page - Renesas Technology Corp DA16200 Datasheet HTML 118Page - Renesas Technology Corp DA16200 Datasheet HTML 119Page - Renesas Technology Corp DA16200 Datasheet HTML 120Page - Renesas Technology Corp DA16200 Datasheet HTML 121Page - Renesas Technology Corp DA16200 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
118 of 153
© 2023 Renesas Electronics
Table 179: HIF_ERR_CNT (0x5003_006C)
Bit
Mode
Symbol
Description
Reset
31:25
-
-
Reserved
24
R/W
ERR_CNT_FG
Error Count Flag
Read:
0: No data CRC error
1: Data CRC error (Read CRC error or Non-positive Write
CRC status token)
Write: Clear the error count flag for allowing to record the
data error block count
0: No effect
1: Clear the error count flag for allowing to record the data
error block count when the data CRC error was occurred
1'b0
23:0
R
HIF_ERR_CNT
ERR Data Block Count Status
This register recorded the number of the error data blocks.
When the first data error occurred (Read CRC error or
received the non-Positive Write CRC Status Token) during
the read/write data transfer, the value of the transferred data
block count will be recorded into this register. S/W needs to
write “1” into the CLE_ERR_CNT bit to clear the internal flag
that it controls, to record the error block count or not when
the data error was occurred
24'h00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com