Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA16200 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 123Page - Renesas Technology Corp DA16200 Datasheet HTML 124Page - Renesas Technology Corp DA16200 Datasheet HTML 125Page - Renesas Technology Corp DA16200 Datasheet HTML 126Page - Renesas Technology Corp DA16200 Datasheet HTML 127Page - Renesas Technology Corp DA16200 Datasheet HTML 128Page - Renesas Technology Corp DA16200 Datasheet HTML 129Page - Renesas Technology Corp DA16200 Datasheet HTML 130Page - Renesas Technology Corp DA16200 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
127 of 153
© 2023 Renesas Electronics
Table 202: ldo_control (0x50091020)
Bit
Mode
Symbol
Description
Reset
9
R/W
-
PDB_IP1_LDO (IQADC/DAC power control)
0: IP1 LDO power off
1: IP1 LDO power on
1'b0
8
R/W
-
PDB_RF_LDO
0: RF LDO power off
1: RF LDO power on
1'b0
7
R/W
-
DIG_LDO_CNTL (to IP4 block)
0: DIG LDO power off
1: DIG LDO power on
1'b1
6
R/W
-
DCDC_CNTL_XTAL (to RF block)
0: DIG LDO power off
1: DIG LDO power on
1'b1
5
R/W
-
PDB_uLDO for retention memory power supply
LDO control
0: LDO off
1: LDO on
1'b0
4
R/W
-
PDB_IP3_OTP: OTP power switch
0: OTP block power off
1: OTP block power on
1'b1
3
R/W
-
OTP_PWRPRDY: indicates OTP power stable
0: OTP block power is not ready
1: OTP block power is stable
1'b1
2
R/W
-
LDO_PLL1: for PLL power
0: PLL LDO off
1: PLL LDO on
1'b0
1
-
Reserved
0
R/W
-
PDB_XTAL_NOISE_REDU: XTAL noise reduction
circuit
0: no effect
1: noise reduction circuit on
1'b0
Table 203: wakeup_source (0x50091028)
Bit
Mode
Symbol
Description
Reset
11:8
R
-
ADC Sensor Wakeup status: indicates ADC
wakeup source pin
[11]: Sensor Wakeup GPIOA3
[10]: Sensor Wakeup GPIOA2
[9]: Sensor Wakeup GPIOA1
[8]: Sensor Wakeup GPIOA0
4'h0
6
R/W
-
DWAKE source detect
Read case: 1 indicates wakeup source from
GPIOs
Write case:
0: wait for event
1'b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com