Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAA212421 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # RAA212421
Description  3V to 40V Input, 1.1A Synchronous Buck Regulator with Integrated 500mA LDO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA212421 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button RAA212421 Datasheet HTML 9Page - Renesas Technology Corp RAA212421 Datasheet HTML 10Page - Renesas Technology Corp RAA212421 Datasheet HTML 11Page - Renesas Technology Corp RAA212421 Datasheet HTML 12Page - Renesas Technology Corp RAA212421 Datasheet HTML 13Page - Renesas Technology Corp RAA212421 Datasheet HTML 14Page - Renesas Technology Corp RAA212421 Datasheet HTML 15Page - Renesas Technology Corp RAA212421 Datasheet HTML 16Page - Renesas Technology Corp RAA212421 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
FN9309 Rev.3.00
Page 13 of 34
Jul 8, 2019
RAA212421
3. Typical Performance Curves
3.2
Buck Measurements
fSW = 500kHz, VIN1 = 24V, VOUT1 = 3.3V, TA = +25°C
Figure 14. Start-Up at No Load, PFM
Figure 15. Start-Up at No Load, PWM
Figure 16. Shutdown at No Load, PFM
Figure 17. Shutdown at No Load, PWM
Figure 18. Start-Up at 1.1A, PWM
Figure 19. Shutdown at 1.1A, PWM
800µs/Div
EN1 (5V/Div)
VOUT1 (2V/Div)
IL1 (0.5A/Div)
PG1 (5V/Div)
800µs/Div
EN1 (5V/Div)
VOUT1 (2V/Div)
IL1 (1A/Div)
PG1 (5V/Div)
20ms/Div
EN1 (5V/Div)
VOUT1 (2V/Div)
IL1 (0.5A/Div)
PG1 (5V/Div)
20ms/Div
EN1 (5V/Div)
VOUT1 (2V/Div)
IL1 (0.5A/Div)
PG1 (5V/Div)
800µs/Div
EN1 (5V/Div)
VOUT1 (2V/Div)
IL1 (1A/Div)
PG1 (5V/Div)
20ms/Div
EN1 (5V/Div)
VOUT1 (2V/Div)
IL1 (1A/Div)
PG1 (5V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com