Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAA212421 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # RAA212421
Description  3V to 40V Input, 1.1A Synchronous Buck Regulator with Integrated 500mA LDO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA212421 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button RAA212421 Datasheet HTML 24Page - Renesas Technology Corp RAA212421 Datasheet HTML 25Page - Renesas Technology Corp RAA212421 Datasheet HTML 26Page - Renesas Technology Corp RAA212421 Datasheet HTML 27Page - Renesas Technology Corp RAA212421 Datasheet HTML 28Page - Renesas Technology Corp RAA212421 Datasheet HTML 29Page - Renesas Technology Corp RAA212421 Datasheet HTML 30Page - Renesas Technology Corp RAA212421 Datasheet HTML 31Page - Renesas Technology Corp RAA212421 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
FN9309 Rev.3.00
Page 28 of 34
Jul 8, 2019
RAA212421
5. Application Guidelines
Compensator design goal:
•High DC gain
• Choose loop bandwidth fc to be about 1/10 of fSW
• Gain margin: >10dB
• Phase margin: >40°
The compensator design procedure is as follows:
The loop gain at crossover frequency of fc has a unity gain. Therefore, the compensator resistance R6 is determined
by Equation 14.
where:
GM is the transconductance, gm, of the voltage error amplifier in each phase.
Rcs is the current sense trans-resistance.
k is a constant to compensate for cross over frequency difference since the feed forward zero is placed at the
vicinity of fc.
Place the compensator zero in the vicinity of the power stage pole at full load. As an example, the compensator zero
is placed at 2.2 times the frequency of the power stage pole at full load. Compensator capacitor C6 is then given by
Equation 15.
There is an inherent integrator pole at DC by virtue of the compensation circuit which helps to achieve high DC
gain. Put another compensator pole at either ESR zero frequency or half switching frequency, whichever is lower,
in Equation 16. An optional zero can boost the phase margin.
ωCZ2 is a zero due to R1 and C4.
Put feedforward zero at fzff to boost the phase at cross-over. The fzff can be chosen in the vicinity of fc depending
on the amount of phase boost required.
Example: VIN1 = 24V, VO1 = 5V, IO1 = 1.1A, fSW = 500kHz, R2 = 90.9kΩ, Co1 = 32.1µF/5mΩ, L1 = 22µH,
fc = 50kHz, then compensator resistance R6:
Use 130kΩ as the closest standard value for R6.
Av S
()
vˆCOMP1
vˆFB1
-----------------------
GM R2
⋅
C6 C7
+
() R1 R2
+
()
⋅
--------------------------------------------------------
1
S
ωcz1
-------------
+

 1
S
ωcz2
-------------
+


S1
S
ωcp1
-------------
+

 1
S
ωcp2
-------------
+


---------------------------------------------------------------
=
=
(EQ. 13)
ωcz1
1
R6C6
---------------
ωcz2
1
R1C4
---------------
=
ωcp1
,
C6 C7
+
R6C6C7
----------------------- ωcp2
R1 R2
+
C4R1R2
-----------------------
=
,
=
,
=
R6
2
πfcVo1Co1Rcsk
GM VFB1
⋅
------------------------------------------------
16.1
3
×10 fcVo1Co1
⋅
==
(EQ. 14)
C6
Ro1Co1
2.2R6
----------------------
Vo1Co1
2.2Io1R6
------------------------
=
=
(EQ. 15)
C7 max
RcCo1
R6
------------------
1
πfSWR6
----------------------
(,
)
=
(EQ. 16)
C4
1
2
πfzffR1
-----------------------
=
(EQ. 17)
R6
16.1
3
×10 50kHz 5V 31.3μF
⋅
⋅
⋅
129.3k
Ω
==
(EQ. 18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com