Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAA212421 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RAA212421
Description  3V to 40V Input, 1.1A Synchronous Buck Regulator with Integrated 500mA LDO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA212421 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RAA212421 Datasheet HTML 17Page - Renesas Technology Corp RAA212421 Datasheet HTML 18Page - Renesas Technology Corp RAA212421 Datasheet HTML 19Page - Renesas Technology Corp RAA212421 Datasheet HTML 20Page - Renesas Technology Corp RAA212421 Datasheet HTML 21Page - Renesas Technology Corp RAA212421 Datasheet HTML 22Page - Renesas Technology Corp RAA212421 Datasheet HTML 23Page - Renesas Technology Corp RAA212421 Datasheet HTML 24Page - Renesas Technology Corp RAA212421 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
FN9309 Rev.3.00
Page 21 of 34
Jul 8, 2019
RAA212421
4. Functional Description
Over-temperature faults also force PG1 low until the fault condition is cleared by an attempt to soft-start. PG1 has
an internal 5MΩ pull-up resistor.
4.4
PWM Control Scheme (Buck)
The wide VIN buck regulator employs peak current-mode Pulse-Width Modulation (PWM) control for fast transient
response and pulse-by-pulse current limiting as shown in the “Functional Block Diagram” on page 4. The current loop
consists of the current sensing circuit, slope compensation ramp, PWM comparator, oscillator, and latch. Current sense
trans-resistance is typically 500mV/A and the slope compensation rate, Se, is typically 450mV/T where T is the switching
cycle period. The control reference for the current loop comes from the error amplifier’s output (VCOMP1).
A PWM cycle begins when a clock pulse sets the PWM latch and the upper FET is turned on. Current begins to ramp up in
the upper FET and inductor. This current is sensed, converted to a voltage (VCSA), and summed with the slope compensation
signal. This combined signal is compared to VCOMP1, and the latch is reset when the signal is equal to VCOMP1. Upon latch
reset, the upper FET is turned off and the lower FET is turned on allowing the current to ramp down in the inductor. The
lower FET remains on until the clock initiates another PWM cycle. Figure 54 shows the typical operating waveforms during
PWM operation. The dotted lines illustrate the sum of the current sense and slope compensation signal.
The output voltage is regulated as the error amplifier varies VCOMP1 with changes to the output inductor current. The
error amplifier is a transconductance type, and its output (COMP1) is terminated with a series RC network to GND.
This termination is internal (150k/54pF) if the COMP1 pin is tied to VCC1. In addition, the transconductance for
COMP1 = VCC1 is 50µA/V versus 230µA/V for external RC connection. The non-inverting input of the error amplifier
is internally connected to a 600mV reference voltage, and its inverting input is connected to the output voltage from
the FB1 pin and its associated divider network.
Figure 54. PWM Operation Waveforms
4.5
Light Load Operation
At light loads, converter efficiency can be improved by enabling Pulsed Frequency Modulation (PFM). Connecting
the SYNC pin to GND allows the controller to choose PFM operation automatically when the load current is low.
Figure 55 on page 22 shows the DCM operation. The IC enters the DCM mode of operation when eight
consecutive cycles of inductor current crossing zero are detected. This corresponds to a load current equal to 1/2
the peak-to-peak inductor ripple current and set by Equation 4:
where D = duty cycle, fSW= switching frequency, L = inductor value, IOUT = output loading current, and
VOUT = output voltage.
While operating in PFM mode, the regulator controls the output voltage with a simple comparator and pulsed FET
current. A comparator signals the point at which FB is equal to the 600mV reference at which time the regulator
begins providing pulses of current until FB is moved above the 600mV reference by 1%. The current pulses are
VCOMP
VCSA
Duty
Cycle
IL
VOUT
IOUT
VOUT 1D
–
()
2LfSW
-----------------------------------
=
(EQ. 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com